전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV66T2CD-R

  • AI
    The **MV66T2CD-R** is a specific integrated circuit (IC) primarily categorized as a **CMOS Melody IC**. These chips are widely used in consumer electronics to generate simple musical tones or notification sounds. --- ## 1. Technical Specifications The MV66T series is known for its low power consumption and simplicity. Below are the typical technical parameters for this component: | Feature | Specification | |:---|:---| | **Technology** | CMOS (Complementary Metal-Oxide-Semiconductor) | | **Operating Voltage** | 1.3V to 3.3V (Typical 1.5V) | | **Standby Current** | < 1µA | | **Output Type** | Single-pin melody output (requires transistor drive) | | **Package Type** | TO-92 (3-pin) or COB (Chip on Board) | | **Function** | Single-tune melody generator | --- ## 2. Pin Configuration (TO-92 Package) If the part is in the standard transistor-like TO-92 package, the pins are generally assigned as follows: 1. **Pin 1 (VSS):** Ground/Negative Power Supply. 2. **Pin 2 (VDD):** Positive Power Supply (typically 1.5V or 3V). 3. **Pin 3 (Output):** The melody signal output. Note that this pin usually cannot drive a speaker directly; it requires an NPN transistor (like a BC547) to amplify the current for a 8Ω speaker or piezo element. --- ## 3. Core Functional Blocks The internal circuitry of the MV66T2CD-R consists of several digital and analog stages: * **Oscillator:** Generates the base clock frequency for the music timing. * **ROM (Read-Only Memory):** Contains the pre-programmed musical score (the "notes"). * **Rhythm Generator:** Controls the tempo and duration of each note. * **Tone Generator:** Produces the specific frequencies corresponding to musical notes. * **Control Logic:** Handles the "Power-On Reset" and looping functions. --- ## 4. Common Applications Due to its low cost and small footprint, the MV66T2CD-R is found in: * **Musical Greeting Cards:** Triggered when the card is opened. * **Toys:** Simple sound effects or songs. * **Doorbell Chimes:** Providing a specific melody upon a button press. * **Alarms:** Providing a non-aggressive notification sound. --- ## 5. Typical Application Circuit ```text [VDD 1.5V - 3V] | +------+------+ | | [MV66T] | (Pin 2) | (Pin 3 OUT)---[1k Ohm Resistor]---[Base of NPN Transistor] (Pin 1 VSS) | | [Speaker]--[Collector] [GND] | [Emitter]--[GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific melody pre-programmed into the MV66T2CD-R?
    • ⤷ Can this IC drive a piezoelectric buzzer without a transistor?
    • ⤷ What are the differences between the MV66T and the UM66 series?