전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV66T3CD-R

  • AI
    The **MV66T3CD-R** is a specific electronic component primarily categorized as a **CMOS Melody Integrated Circuit (IC)**. These chips are designed to play pre-programmed musical tunes or sound sequences when triggered, commonly found in toys, greeting cards, and notification systems. --- ### 1. Key Technical Specifications The following table outlines the general electrical characteristics of the MV66T-series ICs: | Parameter | Value / Description | | :--- | :--- | | **Supply Voltage (Vdd)** | 1.5V to 4.5V (Typically 3V) | | **Standby Current** | Very Low (Microamps range) | | **Output Type** | Direct Drive for Piezo or Transistor Drive for Speaker | | **Package Type** | TO-92 (3-pin) or COB (Chip on Board) | | **Oscillator** | Built-in RC Oscillator | ### 2. Functional Description The MV66T3CD-R is part of the "Music IC" family. The suffix usually denotes the specific melody programmed into the Read-Only Memory (ROM) of the chip. * **Trigger Mechanism:** The IC starts playing the melody when power is applied. It usually plays the entire song once and then stops (One-Shot) or loops depending on the specific sub-variant wiring. * **Built-in Oscillator:** It does not require an external crystal or resonator; the timing is handled by internal resistors and capacitors. * **Low Power Consumption:** Because it is built using CMOS (Complementary Metal-Oxide-Semiconductor) technology, it consumes minimal power, making it ideal for battery-operated devices. --- ### 3. Pinout Configuration (TO-92 Package) In the common 3-pin TO-92 transistor-style package, the pins are typically assigned as follows: 1. **Pin 1 (Vss/GND):** The negative power supply (Ground). 2. **Pin 2 (Vdd):** The positive power supply (1.5V - 4.5V). 3. **Pin 3 (Output):** The audio signal output. ### 4. Typical Application Circuit To hear the sound, the output pin usually requires a simple NPN transistor (like a BC547) to amplify the signal for an 8-ohm speaker. ```markdown Vcc (3V) ----+-----------+ | | [MV66T] [Speaker] | | Out (Pin 3)+---[Res]---[Transistor Base] | | GND ---------+-----------[Transistor Emitter] ``` --- ### 5. Common Uses * **Musical Toys:** Simple handheld electronic toys. * **Doorbell Chimes:** Low-cost battery-powered doorbells. * **Gift Items:** Musical birthday cards or jewelry boxes. * **Alarms:** Simple status indicators for industrial or consumer electronics.
    ✨ Follow-up Questions
    • ⤷ What specific melody is programmed into the MV66T3CD-R variant?
    • ⤷ Can the MV66T3CD-R drive an 8-ohm speaker directly without a transistor?
    • ⤷ What are the primary differences between the MV66T and the UM66 series?