전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MVH64V2CD-R

  • AI
    ## Electronic Component Analysis: MVH64V2CD-R Based on standard electronic component naming conventions and specifications, the **MVH64V2CD-R** typically refers to a high-reliability, surface-mount (SMT) **Aluminum Electrolytic Capacitor**, specifically from the **MVH series** (often manufactured by United Chemi-Con or similar high-end brands). --- ### 1. Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Electrolytic Capacitor | Polarized energy storage component. | | **Series** | MVH | High temperature, low impedance, long life. | | **Capacitance** | 64 µF (Nominal) | The ability to store electrical charge. | | **Voltage Rating** | 50V - 63V (Typical) | Maximum operating voltage for the 'V' code. | | **Mounting Type** | SMD / SMT | Surface Mount Technology (V-Chip). | | **Temperature Range** | -40°C to +125°C | Rated for automotive and industrial use. | | **Packaging** | Taping & Reel (-R) | Provided in reels for automated pick-and-place. | --- ### 2. Key Electronic Features The "MVH" series is designed for specific performance metrics that distinguish it from standard consumer-grade capacitors: * **Low ESR (Equivalent Series Resistance):** Minimizes heat generation during high-frequency operation, crucial for power supply stability. * **High Ripple Current Resistance:** Can handle significant fluctuations in current, making it ideal for DC-DC converters. * **Extended Endurance:** Usually rated for **2,000 to 5,000 hours** at its maximum temperature (125°C). * **Vibration Resistance:** The "V-Chip" design often includes anti-vibration structures to ensure the component does not shear off the PCB in high-motion environments. --- ### 3. Part Number Breakdown (Generic) | Code Segment | Meaning | | :--- | :--- | | **MVH** | Series Identifier (High Temp/Low Impedance). | | **64** | Capacitance Value (in µF). | | **V** | Voltage Code (Often represents 35V, 50V, or 63V depending on manufacturer). | | **2CD** | Case Size / Internal Design Code. | | **-R** | Packaging (Tape and Reel). | --- ### 4. Common Applications Due to its high temperature rating and durability, this part is commonly found in: 1. **Automotive Electronics:** Engine Control Units (ECUs) and lighting modules. 2. **Industrial Power Supplies:** Switching regulators and noise filters. 3. **Telecommunications:** Base station power management where longevity is critical. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical case size for the 2CD designation?
    • ⤷ Can this capacitor be substituted with a standard 105°C rated part?
    • ⤷ What are the specific soldering profile requirements for the MVH series?