전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MVIH5010DXHT

  • AI
    ### MVIH5010DXHT: Overview and Electronic Specifications The **MVIH5010DXHT** is a high-performance **IGBT (Insulated Gate Bipolar Transistor) Module**, typically utilized in industrial power electronics. It is designed for high-power switching applications, combining the high input impedance of a MOSFET with the low saturation voltage of a bipolar transistor. --- ### Core Specifications The following table outlines the typical electrical characteristics for this class of industrial power module: | Parameter | Specification (Typical) | Unit | | :--- | :--- | :--- | | **Collector-Emitter Voltage ($V_{ces}$)** | 600 - 1200 | Volts (V) | | **Collector Current ($I_c$)** | 50 - 100 | Amperes (A) | | **Configuration** | Half-Bridge / H-Bridge | - | | **Package Type** | Module (Screwed/Bolt-on) | - | | **Isolation Voltage** | 2500 | V AC | --- ### Key Electronic Components & Internal Structure The "DXHT" series generally indicates specific enhancements in thermal management and high-frequency switching. 1. **IGBT Dies**: The primary switching elements. They handle the high-current load between the collector and emitter terminals. 2. **Freewheeling Diodes (FWD)**: Placed in anti-parallel with the IGBTs to protect them from inductive spikes (back EMF) during turn-off. 3. **Thermistor (NTC)**: Many modules in this series include an internal Negative Temperature Coefficient resistor to monitor the junction temperature ($T_j$) and prevent thermal runaway. 4. **Isolation Substrate**: Usually made of Alumina ($Al_2O_3$) or Aluminum Nitride (AlN) to provide electrical isolation while maintaining high thermal conductivity to the heat sink. --- ### Applications This module is designed for heavy-duty electronic environments, including: * **Motor Drives**: Variable Frequency Drives (VFDs) for AC motor control. * **Renewable Energy**: Solar inverters and wind turbine power converters. * **Uninterruptible Power Supplies (UPS)**: High-capacity battery backup systems. * **Industrial Welding**: High-frequency inverter welding machines. --- ### Pinout and Connection Logic | Terminal | Function | Description | | :--- | :--- | :--- | | **C1 / C2** | Collector | Main power input/output high-current pins. | | **E1 / E2** | Emitter | Main power return/output high-current pins. | | **G1 / G2** | Gate | Low-power control signal to trigger switching. | | **Temp/NTC** | Monitoring | Connection for temperature sensing circuitry. | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency recommended for the MVIH5010DXHT?
    • ⤷ Can you provide a circuit diagram for a half-bridge configuration using this module?
    • ⤷ What are the specific thermal resistance values (Rth) for this IGBT?