전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MVIP302548AX

  • AI
    The **MVIP302548AX** is a high-performance, industrial-grade DC-DC converter module typically used in telecommunications, industrial automation, and power distribution systems. It is designed to provide stable power conversion with high efficiency in a compact form factor. --- ### Technical Specifications Below is a breakdown of the primary electronic characteristics of the MVIP302548AX: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 36V to 75V DC (48V Nominal) | | **Output Voltage** | 5V DC (Regulated) | | **Output Current** | Up to 30A | | **Power Rating** | 150W | | **Efficiency** | ~90% - 92% | | **Form Factor** | Quarter-Brick (Industry Standard) | | **Isolation** | 1500V - 2250V DC | --- ### Key Electronic Components & Features #### 1. Power Stage (MOSFETs) The module utilizes high-speed **Power MOSFETs** configured in a synchronous rectification topology. This reduces power loss across the output stage, allowing for high current delivery (30A) without excessive heat generation. #### 2. Control Circuitry It features an integrated **PWM (Pulse Width Modulation) Controller**. This IC manages: * **Line Regulation:** Maintaining output stability despite input fluctuations. * **Load Regulation:** Ensuring the 5V output remains steady even as the current demand changes. #### 3. Protection Mechanisms The internal circuitry includes several safety "checkpoints": * **OCP (Over-Current Protection):** Shuts down or limits current if the load exceeds 30A. * **OVP (Over-Voltage Protection):** Prevents the output from spiking and damaging downstream components. * **OTP (Over-Temperature Protection):** Thermistors monitor the internal temperature and trigger a thermal shutdown if cooling fails. #### 4. Magnetic Components The unit contains high-frequency **Planar Transformers**. Unlike wire-wound transformers, planar versions use flat copper traces on a PCB, which allows for: * Lower profile height. * Better heat dissipation. * Higher power density. --- ### Pin Configuration (Standard Quarter-Brick) Most modules in this series follow a standard pinout for easy integration: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | ON/OFF | Remote Control (Enable/Disable) | | 3 | -Vin | Negative Input Voltage | | 4 | -Vout | Negative Output Voltage | | 5 | -Sense | Remote Sensing (Compensation) | | 6 | Trim | Voltage Adjustment (+/- 10%) | | 7 | +Sense | Remote Sensing (Compensation) | | 8 | +Vout | Positive Output Voltage | --- ### Typical Application Diagram ```mermaid graph LR A[48V DC Source] --> B[MVIP302548AX] B --> C[5V Logic Circuitry] B --> D[Processors/FPGAs] B --> E[Sensors] ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for this module at full load?
    • ⤷ How does the 'Trim' pin function to adjust the output voltage?
    • ⤷ Can multiple MVIP302548AX units be connected in parallel for higher current?