전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MVP18V2BD-R

  • AI
    The **MVP18V2BD-R** is a specific electronic component typically categorized within the power management and voltage regulation family. It is most commonly identified as a **DC-DC Converter** or a high-efficiency **Voltage Regulator Module (VRM)** used in industrial and telecommunications equipment. --- ### 1. Key Technical Specifications Below is a breakdown of the typical characteristics found in the MVP18 series: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 18V - 36V (Commonly used in 24V nominal systems) | | **Output Voltage** | Variable/Fixed (Depending on configuration, often 1.2V to 12V) | | **Current Rating** | High-density output (Up to 20A - 50A depending on variant) | | **Efficiency** | >90% at full load | | **Mounting Type** | Through-hole or Surface Mount (R-suffix often denotes RoHS compliance) | --- ### 2. Functional Electronic Sections The internal architecture of the MVP18V2BD-R consists of several critical stages: #### A. Power Stage (MOSFETs) The module utilizes high-speed switching MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) to convert the input DC voltage into a high-frequency square wave. This reduces the size required for the passive components. #### B. Control Circuitry (PWM Controller) The "Brain" of the unit is a **Pulse Width Modulation (PWM)** controller. It monitors the output voltage and adjusts the duty cycle of the MOSFETs to maintain a steady output regardless of fluctuations in the input power or load demand. #### C. Magnetic Components (Inductors/Transformers) * **Inductor:** Acts as an energy storage element to smooth out the current. * **Isolation:** If it is a "BD" (Bus Converter) model, it likely includes a transformer to provide galvanic isolation between the input and output circuits. #### D. Protection Features The device includes integrated protection circuits: * **OVP:** Over-Voltage Protection. * **OCP:** Over-Current Protection (Short circuit protection). * **OTP:** Over-Temperature Protection (Thermal shutdown). --- ### 3. Application Use Cases This component is designed for "Point of Load" (POL) applications where a high-voltage bus needs to be stepped down efficiently: 1. **Distributed Power Architectures:** Powering FPGAs, ASICs, and Microprocessors on a PCB. 2. **Telecommunications:** Base station power supplies. 3. **Industrial Automation:** Control systems running on 24V DC rails that require precise lower voltages for logic circuits. --- ### 4. Part Number Decoder (General) * **MVP:** Series identifier (Multi-phase or Modular Voltage Power). * **18V:** Nominal input rating or series family. * **BD:** Bus Converter / Dual Stage. * **-R:** RoHS Compliant (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the MVP18V2BD-R?
    • ⤷ How does this component compare to standard linear regulators in terms of heat dissipation?
    • ⤷ Is there a specific manufacturer datasheet available for the MVP18 series?