전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MVS22V2CJ-R

  • AI
    The **MVS22V2CJ-R** is a specific electronic component typically classified as a **Varistor** (Voltage Dependent Resistor), manufactured by **KOA Speer Electronics**. These components are primarily used for Overvoltage Protection and Surge Suppression in electronic circuits. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Package / Case** | 0805 (2012 Metric) Surface Mount | | **Varistor Voltage** | Typically 22V (at 1mA DC) | | **Maximum Allowable Voltage** | 14V AC / 18V DC | | **Clamping Voltage** | ~40V (Max) | | **Peak Surge Current** | 30A to 40A (8/20µs pulse) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Description The MVS series (Multilayer Varistors) acts like a "safety valve" for circuits. * **Normal Operation:** At standard operating voltages, the part has high resistance and acts as an open circuit, allowing signals to pass unaffected. * **Surge Event:** When a high-voltage spike (like ESD or a power surge) hits the line, the resistance of the MVS22V2CJ-R drops instantly. This shunts the excess energy to the ground, protecting sensitive downstream ICs. --- ### 3. Application Areas This specific part is often found in compact consumer electronics and industrial interfaces due to its small **0805 footprint**. * **ESD Protection:** Protecting I/O ports, USB lines, and sensor inputs. * **Automotive Electronics:** Used in non-safety critical systems to suppress transient noise. * **Power Supply Filtering:** Placed across DC rails to prevent voltage ripples from damaging microcontrollers. --- ### 4. Part Number Breakdown (Typical KOA Logic) | Code | Meaning | | :--- | :--- | | **MVS** | Multilayer Varistor Series | | **22** | Varistor Voltage (22V) | | **V** | Tolerance / Series Identifier | | **2C** | 0805 (2.0mm x 1.25mm) Size | | **J-R** | Packaging Code (usually Taping/Reel) | ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between a Varistor and a TVS Diode for surge protection?
    • ⤷ How do I calculate the correct clamping voltage for my circuit?
    • ⤷ Can this component be used for AC power line protection?