전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MVS24T2CJ-R

  • AI
    The **MVS24T2CJ-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Varistor** or a **Transient Voltage Suppressor (TVS)**. These components are primarily used to protect sensitive electronic circuits from high-voltage transients (surges) caused by ESD, lightning, or inductive load switching. --- ### 1. Component Specifications Below is a technical breakdown of the typical parameters for this part: | Parameter | Value/Description | | :--- | :--- | | **Type** | Multilayer Varistor (MLV) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Voltage (DC)** | 24V (Typical) | | **Capacitance** | Optimized for signal integrity (Low pF range) | | **Response Time** | Extremely fast (<1 nanosecond) | | **Package Size** | Typically 0402 or 0603 (Inches) | --- ### 2. Key Features * **Bidirectional Protection:** The device protects against surges in both positive and negative directions, making it suitable for AC and DC lines. * **Low Leakage Current:** It consumes very little power during normal operation, preserving battery life in portable devices. * **High Reliability:** Designed to withstand multiple strike events without degrading significantly. * **Compact Form Factor:** The "CJ" designation often refers to a specific small-outline package used in high-density PCB designs. --- ### 3. Functional Working Principle The MVS24T2CJ-R acts as a **Voltage-Dependent Resistor**: 1. **Normal State:** When the voltage is below 24V, the part has high resistance, acting as an open circuit. 2. **Surge State:** When a voltage spike exceeds the threshold, the resistance drops instantly. 3. **Clamping:** The varistor shunts the excess current to the ground, "clamping" the voltage to a safe level for the downstream components. --- ### 4. Common Applications * **Mobile Electronics:** Smartphones and tablets (USB ports, buttons). * **Data Lines:** Protecting high-speed data interfaces from static electricity. * **Automotive:** Protecting low-voltage sensors and infotainment systems. * **Industrial Controls:** Surge protection for PLC inputs and outputs. --- ### 5. Identification Code Breakdown While naming conventions vary by manufacturer (such as TDK, AVX, or Littelfuse), the code usually breaks down as follows: * **MVS:** Multilayer Varistor Series. * **24:** Maximum continuous operating voltage (24V). * **T:** Packaging type (e.g., Tape and Reel). * **CJ-R:** Specific tolerance, size, or RoHS compliance indicator.
    ✨ Follow-up Questions
    • ⤷ What are the clamping voltage limits for the MVS24T2CJ-R?
    • ⤷ How does this varistor compare to a TVS diode in terms of performance?
    • ⤷ What is the recommended PCB footprint for this specific package?