전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MW2F-R010

  • AI
    ## Technical Overview of the MW2F-R010 The **MW2F-R010** is a specialized surface-mount (SMD) electronic component, typically categorized as a **Current Sense Resistor** or a **Shunt Resistor**. These components are designed to measure current flow by monitoring the voltage drop across a known low resistance value. --- ### 1. Key Technical Specifications The alphanumeric code provides insight into its electrical properties. Below is a breakdown of the typical specifications for this series: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.010 Ω (10 mΩ) | The "R010" suffix denotes 0.010 Ohms. | | **Type** | Metal Strip / Metal Foil | High stability and low noise construction. | | **Tolerance** | ±1% or ±5% | Precision level of the resistance value. | | **Power Rating** | 1W to 2W | Common power dissipation capacity for this footprint. | | **Mounting Type** | Surface Mount (SMD) | Designed for PCB mounting via reflow soldering. | --- ### 2. Physical Construction The **MW2F** series is generally built using a **Metal Plate** or **Metal Alloy** technology. This construction offers several advantages over standard thick-film resistors: * **Heat Dissipation:** The metal element is often molded or coated with a flame-retardant epoxy to handle high temperatures. * **Low Inductance:** Necessary for high-frequency switching power supplies. * **Low TCR:** (Temperature Coefficient of Resistance) Ensures the resistance remains stable even as the part heats up. --- ### 3. Application Circuits These parts are widely used in power management systems. Common applications include: 1. **Battery Management Systems (BMS):** Monitoring the charge and discharge current of Lithium-ion batteries. 2. **DC-DC Converters:** Providing feedback to the controller to prevent over-current scenarios. 3. **Motor Control:** Detecting the load on a motor to adjust torque or speed. --- ### 4. Reading the Part Number The part number follows a standard industry convention: * **MW2F:** Series identifier (Indicates the physical size and material type). * **R010:** Resistance value ($R$ acts as a decimal point). $0.010 \Omega$. ---
    ✨ Follow-up Questions
    • ⤷ What is the standard package size (EIA code) for the MW2F-R010?
    • ⤷ How do I calculate the voltage drop across this resistor at 5 Amps?
    • ⤷ What are the alternatives to the MW2F series for high-precision current sensing?