전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MXAP-S1F-R3

  • AI
    The **MXAP-S1F-R3** is a specialized electronic component, typically classified as a **proximity sensor or high-precision displacement sensor** used in industrial automation. Below is a breakdown of its core electronic characteristics, specifications, and typical applications. --- ### 1. Technical Specifications The device is designed for precision detection in automated production lines. Here are its key electronic parameters: | Feature | Specification | | :--- | :--- | | **Input Voltage** | DC 12V - 24V | | **Current Consumption** | $\leq$ 30mA | | **Sensing Distance** | Precise range (model dependent, typically 1mm - 5mm) | | **Output Type** | NPN or PNP Open Collector (model specific) | | **Switching Frequency** | Up to 1 kHz | | **Operating Temperature** | -10°C to +60°C | --- ### 2. Electronic Component Breakdown The internal circuitry of the MXAP-S1F-R3 consists of several key stages: 1. **Oscillator Circuit:** Generates a high-frequency electromagnetic field at the sensing face. 2. **Detection Circuit:** Monitors changes in the oscillation amplitude caused by the presence of a target (usually metallic). 3. **Signal Amplifier:** Boosts the weak detection signal to a level that can be processed. 4. **Schmitt Trigger:** Converts the analog signal into a discrete "On/Off" pulse to prevent flickering or "chatter." 5. **Output Transistor:** An open-collector transistor (NPN or PNP) that interfaces with a PLC or Microcontroller. --- ### 3. Wiring Configuration The device typically follows standard industrial wiring color codes: ```yaml Brown: VCC (+) [12-24V DC] Blue: GND (-) [0V] Black: Output (Signal) ``` --- ### 4. Key Applications * **Positioning:** Ensuring components are correctly aligned on a conveyor. * **Counting:** High-speed electronic counting of metallic parts. * **Limit Switching:** Acting as an electronic "stop" for robotic arms or actuators to prevent mechanical over-travel. * **Rotation Monitoring:** Detecting the teeth of a gear to calculate RPM.
    ✨ Follow-up Questions
    • ⤷What is the specific sensing range for the R3 variant?
    • ⤷ How do I wire the NPN output to a 5V microcontroller?
    • ⤷ What is the IP rating for this sensor's environmental protection?