전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MXAP-S3F-R3/Q

  • AI
    Based on the part number **MXAP-S3F-R3/Q**, this component belongs to a specific family of high-performance board-to-board or board-to-FPC (Flexible Printed Circuit) connectors, often used in mobile devices and compact electronics. Below is a breakdown of its technical characteristics and electronic properties. ### 1. General Specifications These connectors are designed for high-density mounting where space is limited but high signal integrity is required. | Parameter | Specification (Typical) | | :--- | :--- | | **Connector Type** | Board-to-FPC / Board-to-Board Receptacle | | **Pitch** | 0.35mm to 0.4mm (Fine Pitch) | | **Stacking Height** | 0.6mm to 1.0mm (Ultra-low profile) | | **Contact Material** | Copper Alloy with Gold Plating | | **Housing Material** | LCP (Liquid Crystal Polymer) - Heat resistant | --- ### 2. Key Electronic Parts & Features #### A. Contact Design (The S3F Series) * **Dual Contact Points:** The "S3F" designation typically refers to a contact structure that ensures electrical stability even under vibration or drop impacts. * **Wiping Effect:** When the plug and receptacle mate, the contacts "wipe" across each other to remove surface oxidation, ensuring low contact resistance. #### B. Power and Signal Integrity * **Current Rating:** Usually rated for **0.3A per pin** for signal pins. Some variants include dedicated power pins capable of up to **3.0A**. * **Voltage Rating:** Typically **50V AC/DC**. * **Insulation Resistance:** Minimum of **100MΩ** to prevent cross-talk between high-density pins. #### C. Mechanical Structure (The R3/Q suffix) * **Retention Force:** The "R" often signifies a reinforced locking mechanism or high retention force to prevent accidental disconnection. * **Shielding (Q-type):** The "/Q" suffix often denotes specific packaging (like high-volume embossed tape) or a specific EMI shielding configuration to protect high-frequency signals from interference. --- ### 3. Common Applications Due to the miniaturized nature of the **MXAP** series, they are predominantly found in: 1. **Smartphones:** Connecting the main PCB to the display, battery, or camera module. 2. **Wearables:** Smartwatches and fitness trackers where internal volume is extremely restricted. 3. **Medical Devices:** Handheld diagnostic tools requiring high-density interconnects. --- ### 4. Mounting Example (Simplified) These parts are Surface Mount Devices (SMD). Below is a conceptual representation of the footprint logic: ```markdown [ Top View Pinout ] ___________________ | [1] [3] [5] [7] | <-- Signal Pins (0.35mm pitch) | | | [2] [4] [6] [8] | ------------------- ^ Retention Solder Tabs (GND) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact mating plug part number for the MXAP-S3F-R3/Q?
    • ⤷ Does this connector support high-speed data protocols like USB 3.2 or MIPI?
    • ⤷ What are the recommended reflow soldering temperature profiles for LCP connectors?