전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MXF-S2V1-R

  • AI
    The **MXF-S2V1-R** is a specific electronic component typically identified as a **Micro-Coaxial Connector** or a specialized high-speed interface cable assembly. These parts are frequently used in precision electronics where space is limited and signal integrity is critical, such as in medical imaging (ultrasound probes), micro-displays, or high-end laptop hinges. Below is a detailed breakdown of the electronic and mechanical characteristics of this part. --- ### 1. General Specifications | Property | Typical Description | | :--- | :--- | | **Component Type** | Micro-Coaxial Connector / Cable Assembly | | **Pitch** | Usually 0.4mm or 0.5mm | | **Connection Style** | SMT (Surface Mount Technology) or Cable-to-Board | | **Termination** | Solder or IDT (Insulation Displacement Termination) | | **RoHS Compliance** | Yes (indicated by the "-R" suffix) | ### 2. Electronic Characteristics The "Electronic Parts" within this assembly focus on maintaining signal purity across a very small physical footprint. * **Impedance Matching:** Designed for 50 Ohm or 100 Ohm differential impedance to support high-speed data protocols like LVDS (Low-Voltage Differential Signaling) or eDP (Embedded DisplayPort). * **EMI/EMC Shielding:** The part features a metallic shell (often tin or gold-plated) that acts as a Faraday cage. This prevents electromagnetic interference from leaking out or affecting the signal from external noise. * **Contact Resistance:** Engineered for low milliohm resistance (typically < 40mΩ) to ensure minimal signal attenuation and heat generation. * **Voltage/Current Rating:** Usually rated for low voltage (approx. 50V AC/DC) and low current (around 0.2A to 0.5A per pin), as it is a signal connector, not a power connector. ### 3. Key Components and Materials The MXF series typically utilizes high-performance materials to ensure longevity and electrical stability: 1. **Insulator:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) capable of withstanding lead-free reflow soldering temperatures. 2. **Contacts:** Copper alloy base for conductivity, usually plated with **Gold over Nickel** to prevent corrosion and maintain a reliable electrical path. 3. **Shell/Shield:** Stainless steel or Phosphor bronze with Tin or Gold plating for grounding and structural integrity. ### 4. Typical Applications * **Medical Equipment:** High-resolution ultrasound probes where multiple coaxial lines must be bundled into a small diameter. * **Mobile Devices:** Connecting high-resolution LCD/OLED screens to the main PCB. * **Drones/Robotics:** Gimbal camera connections requiring high-speed video transmission through a flexible rotating joint. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum data transfer rate supported by the MXF-S2V1-R?
    • ⤷ Is this connector compatible with standard automated SMT assembly lines?
    • ⤷ What are the specific soldering temperature requirements for the MXF series?