전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MXLCF-S3V1-R

  • AI
    The **MXLCF-S3V1-R** is a specific surface-mount electronic component, typically categorized as a **Polymer ESD (Electrostatic Discharge) Suppressor**. These devices are designed to protect high-speed data lines from voltage transients while maintaining signal integrity. --- ## 1. Technical Specifications Below are the typical electrical and physical parameters for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Polymer ESD Suppressor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Size** | 0603 (1608 Metric) | | **Trigger Voltage** | ~150V - 300V | | **Clamping Voltage** | ~35V - 60V | | **Capacitance** | Very Low (< 0.05 pF) | | **Operating Temperature** | -55°C to +125°C | --- ## 2. Key Features * **Ultra-Low Capacitance:** Because the capacitance is extremely low (often less than 0.1pF), it does not distort high-frequency signals, making it ideal for high-speed protocols. * **Fast Response Time:** Reacts to ESD strikes in less than 1 nanosecond. * **Bi-directional Protection:** Provides protection for both positive and negative ESD pulses. * **RoHS Compliant:** The "R" suffix usually denotes compliance with lead-free/RoHS environmental standards. --- ## 3. Common Applications Due to its low parasitic effects, the MXLCF-S3V1-R is used in circuits where traditional TVS diodes might cause signal degradation: 1. **High-Speed Data Ports:** USB 3.0/3.1, HDMI 2.0, and DisplayPort. 2. **RF Antennas:** Protecting sensitive RF front-ends without detuning the antenna. 3. **Network Hardware:** Gbit Ethernet ports. 4. **Consumer Electronics:** Smartphones, tablets, and high-end laptops. --- ## 4. Comparison: Polymer vs. TVS Diode | Feature | Polymer Suppressor (MXLCF) | TVS Diode | | :--- | :--- | :--- | | **Capacitance** | Ultra-Low (Best for RF) | Low to High | | **Leakage Current** | Very Low | Low | | **Durability** | Limited strikes | High durability | | **Clamping Voltage** | Higher | Lower (Better protection) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering profile requirements for this 0603 package?
    • ⤷ How does the ultra-low capacitance benefit HDMI 2.0 signals specifically?
    • ⤷ Can this part be used as a direct replacement for a TVS diode in power supply rails?