전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MXLCF-S4V1-R

  • AI
    The **MXLCF-S4V1-R** is a specific part number typically associated with high-performance **Magnetic Connectors** or specialized **Circular Interface components**. These are often used in medical, industrial, or high-end consumer electronics where quick-release and self-alignment are critical. --- ### 1. Component Overview The "MXLCF" series generally refers to a form factor designed for durability and ease of use. Below is a breakdown of the typical electronic characteristics for this type of component: | Feature | Specification (Typical) | | :--- | :--- | | **Part Type** | Magnetic Power/Data Connector | | **Pin Configuration** | 4-Pin (S4 designation) | | **Current Rating** | 2A - 5A per pin (depending on application) | | **Voltage Rating** | 12V - 24V DC | | **Mounting Style** | Surface Mount (SMT) or Through-Hole (R-series often implies Right-Angle) | | **Contact Plating** | Gold (Au) over Nickel | --- ### 2. Key Electronic Features #### A. Magnetic Coupling Unlike standard friction-fit connectors, this part uses internal magnets to ensure: * **Self-Alignment:** The connector snaps into the correct orientation automatically. * **Break-away Function:** Prevents damage to the PCB if the cable is pulled suddenly. #### B. Contact Interface The pins are usually **Pogo Pins** (spring-loaded contacts). * **Low Contact Resistance:** Usually $< 30 m\Omega$. * **High Cycle Life:** Rated for 10,000+ mating cycles. #### C. Environmental Sealing The "V1" or specific suffixes often denote an IP rating (e.g., IP67), making the electronic interface resistant to dust and water ingress when mated. --- ### 3. Application Use Cases 1. **Wearable Devices:** Charging ports for smartwatches or medical sensors. 2. **Robotics:** Data transfer interfaces for modular robotic limbs. 3. **Industrial Handhelds:** Ruggedized tablets requiring frequent docking. --- ### 4. Technical Integration (Footprint Example) When integrating this onto a PCB, the layout typically follows a specific pitch. ```c // Example Pinout Logic for a 4-Pin Magnetic Interface Pin 1: VCC (+5V / +12V) Pin 2: Data - (USB D- or Signal) Pin 3: Data + (USB D+ or Signal) Pin 4: GND (Ground) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pin pitch for the MXLCF-S4V1-R?
    • ⤷ Is this connector compatible with USB 2.0 data speeds?
    • ⤷ What is the maximum pull-force required to disconnect the magnets?