전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MXMS-V2-R

  • AI
    The **MXMS-V2-R** refers to the revised version of the **Master-X Motion Sensor** (or similar motion control modules) often used in precision robotics, hobbyist electronics, or specific industrial automation setups. This module is typically characterized by its integration of motion sensing and motor control capabilities. ### 1. Core Electronic Components The board architecture is generally divided into sensing, processing, and power management. | Component Category | Typical Parts | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | ARM Cortex-M series or ATmega | The "brain" that processes sensor data and executes motion logic. | | **IMU (Inertial Measurement Unit)** | MPU6050 or BNO055 | Integrates a 3-axis accelerometer and 3-axis gyroscope to track orientation. | | **Motor Driver IC** | DRV8833 or TB6612FNG | H-Bridge drivers used to control the speed and direction of DC motors. | | **Voltage Regulator** | LDO (e.g., AMS1117-3.3) | Converts input voltage (7-12V) down to stable 3.3V or 5V for logic circuits. | | **Communication Interface** | CH340 or CP2102 | USB-to-Serial converter for programming and debugging. | --- ### 2. Technical Specifications The "V2-R" designation usually implies a revision that improves heat dissipation or adds circuit protection. * **Operating Voltage:** Typically 3.3V to 5V for logic; 6V to 15V for motor supply. * **Connectivity:** * **I2C/SPI:** For external sensor expansion. * **UART:** For serial communication with a PC or Bluetooth module. * **PWM Pins:** Used for fine-grained control of servos or motor speed. * **Protection Circuits:** Often includes reverse polarity protection and TVS diodes to prevent damage from back-EMF (Electro-Magnetic Force) from motors. --- ### 3. Pinout and Connectivity Layout While specific pinouts can vary by manufacturer, the MXMS series generally follows this standard header layout: 1. **Power Section:** `VIN`, `GND`, `5V`, `3V3`. 2. **Motor Outputs:** `M1+ / M1-` and `M2+ / M2-` for dual-channel control. 3. **Sensor Input:** Analog and Digital pins for encoders or ultrasonic sensors. 4. **Programming:** Micro-USB or USB-C port located at the edge of the PCB. --- ### 4. Improvements in V2-R (Revision) The "R" in V2-R usually signifies a **Refined** or **Revised** layout: * **Reduced Noise:** Improved ground planes to prevent motor noise from interfering with the IMU sensor readings. * **SMD Components:** Transition from through-hole to Surface Mount Devices for a smaller footprint. * **Enhanced Heat Sinking:** Larger copper pads around the motor driver IC to prevent thermal throttling.
    ✨ Follow-up Questions
    • ⤷What are the specific communication protocols supported by the MXMS-V2-R?
    • ⤷ How do I calibrate the IMU on this specific board revision?
    • ⤷ Can this board handle brushless DC motors or only brushed motors?