전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MXT-V2-R/Q

  • AI
    The **MXT-V2-R/Q** refers to a high-performance, automotive-grade satellite radio tuner module, typically associated with the **SiriusXM** ecosystem. These modules are integrated into vehicle head units to facilitate the reception and processing of digital satellite signals. --- ### 1. Technical Specifications The "R/Q" suffix usually denotes specific revisions or packaging standards (such as Tape & Reel or specific AEC qualifications). | Component Feature | Description | | :--- | :--- | | **Standard** | SiriusXM Satellite Radio | | **Interface** | I2C or SPI for control; Digital Audio (I2S) for output | | **Frequency Band** | S-Band (approx. 2.3 GHz) | | **Operating Voltage** | Typically 3.3V (Digital) and 1.2V/1.8V (Core) | | **Grade** | Automotive Grade (AEC-Q100 compliant) | | **Package** | Compact Surface Mount Device (SMD) | --- ### 2. Internal Electronic Architecture The MXT-V2 series acts as a "Frontend + Baseband" solution. Its internal architecture is comprised of several critical electronic stages: #### A. RF Frontend (Radio Frequency) * **LNA (Low Noise Amplifier):** Boosts the weak satellite signal received from the shark-fin antenna. * **Mixer & Local Oscillator:** Down-converts the high-frequency S-Band signal to an Intermediate Frequency (IF). #### B. Baseband Processor * **Demodulator:** Converts the analog IF signal into a digital bitstream. * **Error Correction (FEC):** Uses algorithms to fix data loss caused by signal obstruction (trees, tunnels, etc.). * **Buffer/RAM:** Temporarily stores data to allow for "Time-Shifting" features (pause/rewind live radio). #### C. Output Stage * **Audio Decoder:** Decodes the proprietary SiriusXM compression format. * **I2S Output:** Sends the digital audio stream to the vehicle's main DSP or Power Amplifier. --- ### 3. Application and Connectivity In a typical automotive PCB layout, the MXT-V2-R/Q is connected as follows: ```mermaid graph LR Antenna -->|RF Signal| MXT-V2-R/Q MXT-V2-R/Q -->|I2C Control| Main_CPU MXT-V2-R/Q -->|I2S Audio| Audio_DSP Main_CPU -->|User Commands| MXT-V2-R/Q ``` --- ### 4. Key Implementation Details * **Power Management:** Requires clean, low-ripple power rails to prevent phase noise in the RF stage. * **Shielding:** Usually encased in a metal "can" or shield to protect against Electromagnetic Interference (EMI) from the vehicle's high-speed data buses. * **Antenna Power:** The module often manages the DC phantom power sent up the coax cable to the active antenna.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the R and Q versions?
    • ⤷ Which microcontrollers are most compatible with the MXT-V2 I2C interface?
    • ⤷ Does this module support the SiriusXM 360L hybrid satellite/IP features?