전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MZS-1AA-R

  • AI
    The **MZS-1AA-R** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by companies like **Goodsky** (a subsidiary of ECE). It is designed for PCB mounting and is used to control high-power circuits with a low-power signal. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the MZS-1AA-R: | Feature | Specification | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO - Normally Open) | | **Contact Material** | AgSnO2 (Silver Tin Oxide) | | **Rated Load (Resistive)** | 5A / 10A at 250VAC | | **Max Switching Voltage** | 440VAC / 125VDC | | **Coil Voltage (Nominal)** | Typically 5V, 12V, or 24VDC (Check suffix) | | **Coil Power Consumption** | Approx. 200mW (Sensitive type) | | **Dielectric Strength** | 4,000VAC (between coil and contacts) | | **Mounting Type** | Through-Hole (PCB) | --- ### 2. Internal Components & Design The relay consists of four primary electronic/mechanical parts: 1. **The Coil:** A copper wire winding that creates an electromagnetic field when DC current flows through it. 2. **The Armature:** A moving lever that responds to the magnetic field. 3. **The Contacts:** The "switch" part of the relay. The **1 Form A** designation means it has one set of contacts that are open by default and close when the coil is energized. 4. **The Housing:** Usually a plastic casing designed to be "Flux Tight" or "Sealed" (the "R" in the suffix often denotes a specific sealing or ROHS compliance standard). --- ### 3. Part Number Breakdown (Nomenclature) Understanding the alphanumeric code helps identify the specific variant: * **MZS:** Series name (Miniature Intermediate Relay). * **1:** Number of poles (1 Pole). * **A:** Contact Form (A = Normally Open). * **A:** Contact Material (Standard Silver Alloy). * **R:** Environmental Protection (RoHS Compliant / Sealed). --- ### 4. Typical Applications Due to its small footprint and high isolation (4kV), it is commonly found in: * **PLC Interface Modules:** Acting as the bridge between logic controllers and heavy loads. * **Home Appliances:** Control boards for washing machines or ovens. * **Temperature Controllers:** Switching heating elements on/off. * **Industrial Timers:** Managing power cycles in machinery. --- ### 5. Circuit Connection Example When integrating the MZS-1AA-R into a circuit, a **flyback diode** must be used across the coil pins to protect the driving transistor from voltage spikes. ```python # Schematic representation of the Relay Driver # [VCC] --- [Relay Coil] --- [Collector of NPN Transistor] # | # [Flyback Diode] (1N4148 or similar) # | # [GND] -------------------- [Emitter of NPN Transistor] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage for the specific unit you are using?
    • ⤷ How does the 4kV dielectric strength benefit industrial safety?
    • ⤷ What are the pin dimensions for PCB layout design?