전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MZS-1AE-R

  • AI
    The **MZS-1AE-R** is an electronic component primarily classified as a **Magnetic Sensor** (specifically a proximity sensor or reed switch assembly) often used in industrial automation, pneumatic cylinder position sensing, and security systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The MZS series is typically designed for integration with pneumatic actuators to detect the piston's position via a magnetic field. | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Magnetic Reed Switch / Proximity | | **Output Type** | SPST (Single Pole Single Throw), Normally Open (NO) | | **Operating Voltage** | 5V to 240V AC/DC | | **Switching Current** | 100mA Max | | **Contact Rating** | 10W Max | | **Response Time** | < 1.0 ms | | **Indicator** | Red LED (Standard on most models) | --- ### 2. Internal Components & Working Principle The "Electronic parts" inside the MZS-1AE-R consist of a few key elements: * **Reed Switch:** A glass envelope containing two ferromagnetic blades. When a magnet (attached to a cylinder piston) comes near, the blades pull together to close the circuit. * **Protection Circuit:** Often includes a **Varistor** or **Zener Diode** to protect the contacts against voltage spikes (EMF) generated by inductive loads. * **LED Indicator:** A low-power Light Emitting Diode wired in series/parallel with a resistor to provide visual confirmation when the switch is closed. * **Encapsulation:** The internal circuitry is potted in epoxy resin to provide IP67-rated protection against moisture and vibration. --- ### 3. Wiring Configuration The MZS-1AE-R is generally a **2-wire** device. Because it is a mechanical reed contact, it can handle both AC and DC, though polarity matters for the LED functionality. | Wire Color | Connection | | :--- | :--- | | **Brown** | Positive (+) / Line | | **Blue** | Negative (-) / Neutral / Load | > **Note:** Always use a load in series. Connecting the sensor directly across a power supply without a load will cause an immediate short circuit and destroy the reed contact. --- ### 4. Key Advantages 1. **Versatility:** Works with both AC and DC power supplies. 2. **Zero Standby Current:** Since it is a mechanical contact, it consumes no power when the switch is open. 3. **Durability:** The "R" suffix often denotes specific mounting or reinforcement styles for rugged environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the MZS-1AE-R?
    • ⤷ Can this sensor be used with a PLC input module?
    • ⤷ What is the difference between the MZS and the MZT series sensors?