전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • N-RJ

  • AI
    It appears you are referring to **RJ (Registered Jack)** connectors and the electronic components associated with their implementation in networking and telecommunications. The most common "N-RJ" refers to the **RJ45** (used for Ethernet) or **RJ11** (used for telephony). Below is a breakdown of the electronic parts involved in these systems. --- ### 1. The Physical Connector (The Jack/Plug) The "RJ" itself is a modular interface. It consists of: * **Contacts (Pins):** Usually made of phosphor bronze with gold plating (to prevent oxidation and ensure conductivity). * **Housing:** A clear or colored plastic (polycarbonate) that holds the pins in place. * **Shielding (Optional):** Metal "N" (Nickel-plated) shrouds used in FTP/STP cables to reduce Electromagnetic Interference (EMI). ### 2. Internal Electronic Components When an RJ45 jack is integrated into a device (like a laptop or router), it isn't just a plastic hole. It often contains **"MagJack"** technology or discrete components: | Component | Function | | :--- | :--- | | **Isolation Transformers** | Protects the circuit from high-voltage spikes and DC offsets on the line. | | **Common Mode Chokes** | Filters out high-frequency noise and electromagnetic interference (EMI). | | **Termination Resistors** | Usually 75-ohm resistors used to match impedance and prevent signal reflection. | | **Decoupling Capacitors** | Used to shunt high-frequency noise to the ground. | | **LED Indicators** | Green/Amber lights that indicate "Link" status and "Activity" (Data transfer). | --- ### 3. Wiring Standards The electronics follow specific pinout configurations to ensure data transmits correctly across the pins. | Standard | 1 | 2 | 3 | 4 | 5 | 6 | 7 | 8 | | :--- | :--- | :--- | :--- | :--- | :--- | :--- | :--- | :--- | | **T568A** | G/W | G | O/W | B | B/W | O | Br/W | Br | | **T568B** | O/W | O | G/W | B | B/W | G | Br/W | Br | *Key: W=White, G=Green, O=Orange, B=Blue, Br=Brown* --- ### 4. Technical Specifications * **Voltage Rating:** Typically 125 VAC max. * **Current Rating:** Usually 1.5 Amperes. * **Dielectric Strength:** Often rated for 1000V RMS. * **Durability:** Most connectors are rated for a minimum of 750 "mating cycles" (plugging/unplugging). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard RJ45 and a Shielded (STP) RJ45?
    • ⤷ How do the isolation transformers inside a MagJack work?
    • ⤷ Can you explain the PoE (Power over Ethernet) component requirements for RJ connectors?