전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • N14-R

  • AI
    The **N14-R** typically refers to a component or model number associated with **Brushless DC (BLDC) Motors** (often from manufacturers like Nidec) or specific **Laptop Motherboard/Internal configurations** (like those found in certain ASUS or generic ultrabook series). Below is an overview of the electronic components and technical specifications associated with the N14-R in these contexts. --- ## 1. BLDC Motor Configuration (N14-R Series) In industrial electronics, the N14-R is often a designation for high-efficiency brushless motors used in cooling or precision rotation. ### Key Electronic Components | Component | Function | | :--- | :--- | | **Stator Windings** | Copper coils that generate the magnetic field. | | **Permanent Magnet Rotor** | Provides the internal magnetic flux without brushes. | | **Integrated Drive IC** | Manages commutation and speed control. | | **Hall Effect Sensors** | Detects rotor position for precise timing. | ### Technical Specifications * **Voltage Range:** Typically 12V or 24V DC. * **Control Interface:** Usually supports **PWM (Pulse Width Modulation)** for speed adjustment. * **Protection Circuits:** Often includes Locked Rotor Protection and Reverse Polarity Protection. --- ## 2. Laptop/Computing Context (N14-R Motherboard/Parts) If referring to the N14-R as a computing platform (common in 14-inch budget ultrabooks), the electronics are integrated into a compact PCB. ### Internal Electronic Parts 1. **Processor (SoC):** Usually an Intel Celeron or Pentium series (integrated CPU/GPU). 2. **Power Management IC (PMIC):** Distributes voltage from the battery/adapter to components like the RAM and SSD. 3. **Display Interface:** eDP (Embedded DisplayPort) connector for the 14-inch LCD panel. 4. **Storage Interface:** M.2 slot for SATA or NVMe SSDs. 5. **I/O Controllers:** Logic gates for USB 3.0, HDMI, and Audio Jack management. --- ## 3. Maintenance and Troubleshooting Whether dealing with the motor or a computing board, certain electronic checks are standard: ### Common Component Failures * **Capacitors:** Look for bulging or leakage (especially near power input). * **MOSFETs:** These often fail if the motor stalls or if there is a short circuit in the power rail. * **Connectors:** The N14-R series often uses high-density ribbon cables (FPC) which are prone to cracking. ---
    ✨ Follow-up Questions
    • ⤷ Are you referring to the N14-R BLDC motor or the N14-R laptop motherboard?
    • ⤷ What specific electronic failure are you trying to troubleshoot?
    • ⤷ Do you need the pinout diagram for the N14-R connector?