전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • N24-R

  • AI
    The **N24-R** typically refers to a high-performance **Brushless Electronic Speed Controller (ESC)** often used in RC vehicles (like the Kyosho Mini-Z) or small-scale robotics. It is designed to manage the power and communication between the battery and the brushless motor. --- ### Core Electronic Components The N24-R consists of several critical electronic subsystems that allow for precise motor control: | Component | Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "Brain" | Processes input signals from the receiver (PWM/DSHOT) and calculates timing for motor commutation. | | **MOSFETs** | Power Switching | High-current transistors (usually 6 in a 3-phase bridge) that switch power to the motor phases. | | **Gate Drivers** | Signal Amplification | Acts as an interface between the low-voltage MCU and the high-power MOSFETs. | | **BEC (Battery Eliminator Circuit)** | Voltage Regulation | Steps down the main battery voltage (e.g., 7.4V) to a steady 5V or 6V to power the receiver and servos. | | **Capacitors** | Noise Filtering | Smooths out voltage spikes and ripples caused by high-speed switching. | --- ### Technical Specifications (Typical) While specifications can vary slightly by manufacturer, the N24-R series generally follows these parameters: * **Input Voltage:** 2S - 3S LiPo (approx. 7.4V - 11.1V). * **Current Rating:** Usually 20A to 30A continuous (depending on the specific revision). * **Protocol Support:** Supports PWM, OneShot, and sometimes DShot for faster communication. * **Sensored/Sensorless:** Most N24-R units are designed for **sensorless** brushless motors, using Back-EMF to determine rotor position. --- ### Wiring and Connection Points ```mermaid graph LR A[Battery + / -] --> B(N24-R ESC) B --> C[Receiver Signal Wire] B --> D[Motor Phase A] B --> E[Motor Phase B] B --> F[Motor Phase C] ``` 1. **Power Input:** Thick Red (+) and Black (-) wires connected to the battery connector. 2. **Motor Output:** Three wires (often Black) that connect to the Brushless motor. Swapping any two of these wires will reverse the motor direction. 3. **Signal Lead:** A thin 3-wire ribbon (Signal, VCC, Ground) that plugs into the radio receiver. --- ### Key Features of the N24-R Circuitry * **Thermal Protection:** Integrated temperature sensors that throttle power if the MOSFETs exceed safety limits (usually around 100°C). * **Low Voltage Cutoff (LVC):** Monitors battery voltage to prevent over-discharge, which is critical for LiPo battery health. * **Braking Systems:** Uses regenerative or active braking (damped light) to slow the motor down quickly by shorting motor phases in a controlled manner.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the N24-R ESC?
    • ⤷ Can I use a sensored brushless motor with the N24-R?
    • ⤷ How do I calibrate the throttle range on this specific controller?