전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NA593-R680E-RSPU

  • AI
    The **NA593-R680E-RSPU** is a high-performance network appliance motherboard or system (often associated with Axiomtek’s network computing platforms). It is built around the **Intel® R680E chipset**, which is designed for industrial-grade servers and edge computing. --- ### Core Electronic Components Below is a breakdown of the primary electronic subsystems and specifications: | Component Category | Specification / Details | | :--- | :--- | | **Chipset** | Intel® R680E (LGA1700 socket) | | **CPU Support** | 12th/13th Gen Intel® Core™ i9/i7/i5/i3 (Alder Lake/Raptor Lake) | | **Memory Architecture** | 4 x DDR4-3200 U-DIMM slots; supports ECC/Non-ECC | | **Network Interfaces** | Multiple 1GbE/2.5GbE/10GbE ports (varies by expansion) | | **Storage Interfaces** | 2 x SATA3, 1 x M.2 Key M (PCIe x4) for NVMe SSD | | **Expansion Slots** | 2 x PCIe x8 (for NIC modules), 1 x M.2 Key E, 1 x M.2 Key B | --- ### Key Technical Features #### 1. Power Supply Unit (PSU) - The "RSPU" Designation The **RSPU** suffix typically indicates a **Redundant Single Power Unit** or a specific configuration for **Redundant Power Supplies**. * **Input:** Usually 100-240V AC. * **Benefit:** Ensures high availability; if one power module fails, the system continues to operate without downtime. #### 2. Network Expansion Modules The board is designed for high-density I/O. It utilizes modular slots that allow the user to swap out "Network Mezzanine Cards" (NMCs). * **Controller Chips:** Often uses Intel i210-AT or i225-V controllers. * **LAN Bypass:** Includes hardware-level LAN bypass circuitry to maintain network connectivity even if the software crashes or the system loses power. #### 3. Thermal Management Given the high TDP of 12th/13th Gen Intel CPUs (up to 125W), the electronic layout includes: * **PWM Fan Headers:** 4-pin headers for intelligent speed control. * **VRM Heat Sinks:** Robust Voltage Regulator Modules (VRM) to handle power delivery to the LGA1700 socket. #### 4. I/O and Connectivity * **Console Port:** RJ-45 or Micro-USB for headless management. * **USB:** USB 3.2 Gen1 ports for high-speed peripherals. * **TPM:** Integrated TPM 2.0 for hardware-based security and encryption. --- ### Typical Use Cases * **SD-WAN & vCPE:** Running virtualized network functions. * **Edge AI:** Using the PCIe slots for AI acceleration cards. * **Network Security:** High-throughput firewalls and UTM (Unified Threat Management) devices.
    ✨ Follow-up Questions
    • ⤷ What are the specific LAN bypass features supported by this model?
    • ⤷ Does the R680E chipset support DDR5 memory on this specific board?
    • ⤷ What is the maximum power consumption rating for the RSPU configuration?