전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NCSS12-R009TRF

  • AI
    ## Electronic Analysis: NCSS12-R009TRF The **NCSS12-R009TRF** is a high-precision, surface-mount **Current Sense Resistor** (Shunt Resistor). It is designed specifically for power management applications where measuring current flow with minimal energy loss and high accuracy is required. --- ### 1. Part Number Breakdown Based on standard naming conventions for the NCSS series (commonly manufactured by NIC Components): | Component | Code | Description | | :--- | :--- | :--- | | **Series** | NCSS12 | Metal Foil/Strip Current Sense Resistor, 2512 Case Size | | **Resistance** | R009 | 0.009 Ohms (9 mΩ) | | **Tolerance** | T | ±1% (Standard for precision sensing) | | **Packaging** | RF | Tape & Reel (RoHS Compliant) | --- ### 2. Key Specifications The following table outlines the typical electrical and physical characteristics for this specific part: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 9 mΩ (Milliohms) | | **Power Rating** | Typically 1.0W to 2.0W (depends on PCB heat sinking) | | **Package Size** | 2512 (6.4mm x 3.2mm) | | **Temperature Coefficient (TCR)** | Low (often ±50ppm/°C to ±100ppm/°C) | | **Operating Temp Range** | -55°C to +155°C | | **Construction** | Metal Plate / Metal Foil Element | --- ### 3. Functional Operation The NCSS12-R009TRF operates based on **Ohm’s Law ($V = I \times R$)**. 1. **Current Sensing:** As current flows through this 9mΩ resistor, a very small voltage drop occurs across its terminals. 2. **Signal Processing:** An IC (such as a Current Sense Amplifier or Battery Management IC) measures this voltage drop. 3. **Calculation:** Since the resistance (9mΩ) is a known constant, the system calculates the exact current ($I = V / 0.009$). ### 4. Typical Applications * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Li-ion batteries. * **DC-DC Converters:** Providing over-current protection (OCP) and feedback loops. * **Motor Control:** Detecting stall conditions or managing torque via current feedback. * **Power Supplies:** Monitoring load efficiency in telecommunications or industrial equipment. --- ### 5. Design Considerations When using this part in a circuit, engineers must account for: * **Kelvin Sensing:** It is highly recommended to use a **4-wire (Kelvin) connection** layout to avoid measuring the resistance of the PCB traces, which could be significant compared to the 9mΩ of the resistor. * **Thermal Dissipation:** Even though it is a low resistance, at high currents (e.g., 10A), it will dissipate significant heat ($P = I^2R$). Ensure adequate copper pour areas around the pads.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for the NCSS12-R009TRF given its 1W power rating?
    • ⤷ How does a 4-wire Kelvin connection improve the accuracy of this 9mΩ resistor?
    • ⤷ Are there alternative package sizes if the 2512 footprint is too large for my PCB?