전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NCSS12-R025TRF

  • AI
    ## NCSS12-R025TRF: Electronic Component Analysis The **NCSS12-R025TRF** is a high-precision, current-sensing chip resistor. It is designed specifically for power management circuits where measuring the flow of current with high accuracy and low heat generation is critical. ### 1. Component Overview The part belongs to the **NCSS Series** (Current Sensing Surface Mount) and is characterized by its ultra-low resistance value and high stability. | Property | Specification | | :--- | :--- | | **Component Type** | Current Sense Resistor (Shunt) | | **Resistance Value** | 0.025 $\Omega$ (25m$\Omega$) | | **Tolerance** | $\pm 1\%$ (F) | | **Package Size** | 1206 (Metric 3216) | | **Technology** | Metal Foil / Thick Film Low Ohmic | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Technical Breakdown Understanding the specific features of this component is essential for circuit design: * **Low Ohmic Value (25m$\Omega$):** The extremely low resistance minimizes voltage drop across the component, ensuring that the measurement process does not significantly interfere with the load power. * **Power Rating:** Typically, 1206 current sense resistors in this series handle between **0.25W to 0.5W**, depending on the specific manufacturer's thermal dissipation design. * **Temperature Coefficient of Resistance (TCR):** Usually rated at **±100ppm/°C** or better. This means the resistance remains stable even as the component heats up during operation. * **AEC-Q200 (Optional):** Many parts in this series are automotive grade, meaning they can withstand high vibration and thermal cycling. --- ### 3. Application Use Cases This part is commonly found in the following electronic systems: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion batteries. 2. **DC-DC Converters:** Providing feedback for current-mode PWM controllers to prevent overcurrent conditions. 3. **Motor Control:** Detecting the phase current to regulate motor speed and torque. 4. **Overcurrent Protection:** Acting as a "fuse-like" sensor that triggers a shutdown if the current exceeds a threshold. --- ### 4. Circuit Implementation Example In a typical application, the resistor is placed in series with the load. The voltage drop ($V_{sense}$) is measured using an operational amplifier. ```python # Calculation Example: # V = I * R resistance = 0.025 # 25 milliohms current = 2.0 # 2 Amperes voltage_drop = current * resistance power_dissipated = (current**2) * resistance print(f"Voltage Drop: {voltage_drop}V") # Result: 0.05V print(f"Power Waste: {power_dissipated}W") # Result: 0.1W ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle before exceeding a 0.5W power rating?
    • ⤷ Can this resistor be used in high-frequency switching power supplies?
    • ⤷ How does the 'TRF' suffix affect the packaging (Tape and Reel) specifications?