전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NET2282-AB33PC

  • AI
    ## Overview of the NET2282-AB33PC The **NET2282-AB33PC** is a high-performance Peripheral Component Interconnect (PCI) to USB 2.0 Peripheral Controller. It is designed to allow local bus-based systems (like microprocessors or FPGAs) to communicate with a USB host at High-Speed (480Mbps) rates. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **USB Version** | USB 2.0 Hi-Speed (480 Mbps) | | **Local Bus Interface** | 32-bit, 33MHz PCI Interface | | **Package Type** | 120-pin TQFP (Thin Quad Flat Pack) | | **Power Consumption** | Low power (approx. 500mW peak) | | **Endpoints** | 4 Configurable Endpoints | | **FIFO Memory** | 8 KB integrated RAM for data buffering | | **Voltage** | 3.3V I/O with 1.8V Core | --- ### Functional Blocks and Components The device acts as a bridge. Below are the primary electronic sections within the chip: 1. **USB Transceiver (PHY):** Integrated physical layer that handles the differential signaling (D+/D-) required for USB communication. It includes on-chip termination resistors. 2. **PCI Interface Unit:** Supports a standard 32-bit PCI bus. It allows the local CPU to treat the USB controller as a memory-mapped I/O device. 3. **Endpoint Controller:** Manages data flow for up to four endpoints. Each endpoint can be configured for Bulk, Interrupt, or Isochronous transfers. 4. **DMA Engine:** A high-speed Descriptor-based DMA (Direct Memory Access) controller. This allows data to move between the PCI bus and the USB buffers without constant CPU intervention, reducing overhead. 5. **FIFO RAM:** The internal 8KB of memory acts as a buffer to synchronize data rates between the fast PCI bus and the USB bus. --- ### Typical Application Circuitry To implement the NET2282 in a design, the following external electronic components are usually required: * **Crystal Oscillator:** Typically a 30MHz crystal to provide the clock reference for the USB PLL. * **Voltage Regulators:** If a 1.8V rail is not available, a linear regulator (LDO) is needed to step down from 3.3V for the core logic. * **Decoupling Capacitors:** Standard 0.1µF and 10µF capacitors placed near power pins to filter high-frequency noise. * **Pull-up/Pull-down Resistors:** Required for specific configuration pins to set the chip mode (e.g., PCI vs. Generic Local Bus). ### Common Use Cases * Adding USB 2.0 device functionality to legacy PCI-based industrial PCs. * High-speed data acquisition systems (DAQ). * Printers, Scanners, and medical imaging equipment.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the NET2282 and the older NET2280 model?
    • ⤷ Can the NET2282 be used with an FPGA instead of a PCI bus?
    • ⤷ What software drivers are typically used to interface with this controller?