전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NET4

  • AI
    The term **NET4** in electronics generally refers to a specific type of **Passive Component Network**, most commonly a **Resistor Network** or a **Capacitor Network** housed in a Single In-line Package (SIP) or Dual In-line Package (DIP). These components are designed to save space on a Printed Circuit Board (PCB) by combining multiple identical components into one housing. --- ### 1. Common Configurations NET4 usually implies a network containing 4 individual elements (resistors or capacitors). There are two primary internal circuit layouts: | Layout Type | Description | Common Use Case | | :--- | :--- | :--- | | **Isolated** | 4 independent resistors/capacitors with no internal connection to each other. | Termination, current limiting for specific LEDs. | | **Bussed (Common)** | One end of all 4 components is tied to a single common pin (usually Pin 1). | Pull-up or Pull-down resistors for logic gates. | --- ### 2. Technical Specifications When looking at a NET4 component datasheet, you will typically find these parameters: * **Resistance/Capacitance Value:** (e.g., 10kΩ, 100nF). * **Tolerance:** Usually ±1%, ±2%, or ±5%. * **Power Rating:** The wattage each individual resistor can handle (often 0.125W to 0.25W). * **Package Type:** * **SIP (Single In-line Package):** Pins are in a single row. * **DIP (Dual In-line Package):** Pins are in two parallel rows. * **SMD (Surface Mount):** Such as 0603x4 or 1206x4 arrays. --- ### 3. Advantages of Using NET4 Arrays Using a networked component instead of discrete parts offers several benefits in electronic design: 1. **Space Efficiency:** Occupies much less "real estate" on the PCB compared to four individual 0805 or through-hole resistors. 2. **Placement Cost:** Pick-and-place machines only need to perform one "hit" instead of four, reducing manufacturing time and costs. 3. **Thermal Tracking:** Because all four elements are on the same substrate, they maintain very similar temperatures, ensuring their values drift together rather than independently. 4. **Simplified Routing:** Organized pinouts make it easier to route buses (like an 4-bit data bus) on a PCB. --- ### 4. Typical Application Example A common use for a **NET4 10kΩ Resistor Network** is as a pull-up array for a 4-bit dip switch or a microcontroller port: ```text VCC (Pin 1) ----+----[ R1 ]---- Pin 2 (Signal 1) | +----[ R2 ]---- Pin 3 (Signal 2) | +----[ R3 ]---- Pin 4 (Signal 3) | +----[ R4 ]---- Pin 5 (Signal 4) ```
    ✨ Follow-up Questions
    • What is the difference between a bussed and an isolated resistor network?
    • How do I identify Pin 1 on a SIP NET4 package?
    • Can NET4 components be used for signal filtering?