전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NET8531

  • AI
    The **NET8531** is a high-performance, single-chip **RGMII/SGMII to Quad-Port Giga-Ethernet Physical Layer Transceiver (PHY)**. It is primarily used in networking hardware like switches, routers, and industrial gateways to bridge the gap between the Media Access Control (MAC) layer and the physical copper cabling. --- ### ## 1. Key Technical Specifications The NET8531 is designed for high-density networking environments. Below are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Ports** | Quad-port (4 ports per chip) | | **Data Rates** | 10/100/1000 Mbps (Triple-speed) | | **Interface (MAC side)** | RGMII (Reduced Gigabit Media Independent Interface) / SGMII | | **Interface (Line side)** | 1000Base-T, 100Base-TX, 10Base-Te (Copper) | | **Power Supply** | 3.3V / 1.1V (Core) | | **Package** | 128-pin LQFP or QFN (depending on specific variant) | --- ### ## 2. Core Functional Blocks The internal architecture consists of several electronic sub-systems that handle signal conversion: 1. **Mixed-Signal Front End:** Contains the ADC (Analog-to-Digital Converter) and DAC to convert analog signals from the Ethernet cable into digital data. 2. **DSP (Digital Signal Processor):** Performs adaptive equalization, echo cancellation, and crosstalk (NEXT/FEXT) reduction to ensure data integrity over long cables (up to 100m). 3. **PCS (Physical Coding Sublayer):** Handles 8b/10b encoding/decoding and symbol alignment. 4. **Auto-Negotiation:** Automatically detects the highest common speed between two connected devices. 5. **Clock Generation:** Usually requires a **25MHz crystal** or external oscillator to generate the internal timing for Gigabit speeds. --- ### ## 3. Typical Pin Configuration Categories If you are designing a PCB (Printed Circuit Board) using the NET8531, the pins are generally grouped as follows: * **MDI Interface:** Differential pairs (TRD± 0, 1, 2, 3) connected to the RJ45 connector via a transformer (magnetics). * **MAC Interface:** Pins for TX/RX data, control signals, and clock (TXC/RXC) for RGMII or SGMII modes. * **Management Interface (MDIO/MDC):** A 2-wire serial bus used by the CPU/Switch SoC to configure registers inside the NET8531. * **Configuration Straps:** Hardware pins that are pulled High or Low to set the default PHY address or interface mode at power-up. * **LED Drivers:** Dedicated pins to drive Link, Activity, and Speed LEDs. --- ### ## 4. Application Example: Reference Circuitry ```c /* Standard Connection Logic */ [Processor/MAC] <--- RGMII Interface ---> [NET8531] <--- MDI (Differential) ---> [Magnetics/RJ45] ^ | [25MHz Crystal] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the NET8531 in full-load Gigabit mode?
    • ⤷ How do I configure the PHY address using the hardware strap pins?
    • ⤷ Does the NET8531 support SyncE (Synchronous Ethernet) for timing applications?