전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NETTVSGY

  • AI
    Based on the technical classification of electronic components, **NETTVSGY** refers to a specific series of **TVS (Transient Voltage Suppression) Diodes**, typically manufactured by companies like *Nexperia* or associated with specific SMD (Surface Mount Device) marking codes. These components are designed to protect sensitive semiconductors from voltage spikes and ESD (Electrostatic Discharge). --- ### 1. Technical Specifications The NETTVSGY series generally falls under the category of high-speed data line protection. Below are the typical characteristics found in these parts: | Feature | Specification | | :--- | :--- | | **Component Type** | Transient Voltage Suppressor (TVS) | | **Configuration** | Usually Bidirectional or Unidirectional (Series dependent) | | **Package Type** | SOD-882, SOT-23, or DFN packages | | **ESD Protection** | Up to 15kV (Air) / 8kV (Contact) | | **Capacitance** | Ultra-low (often < 1pF) for high-speed signals | | **Applications** | USB 3.0, HDMI, Ethernet, and Antenna protection | --- ### 2. Functional Role in a Circuit Electronic parts like the NETTVSGY function as "clamping" devices. Here is how they operate: 1. **Standby Mode:** Under normal operating voltages, the device remains in a high-impedance state, acting as an open circuit. 2. **Triggering:** When a voltage spike (like a static shock) exceeds the "Breakdown Voltage" ($V_{BR}$), the device instantly becomes conductive. 3. **Clamping:** It diverts the excess current to the ground, clamping the voltage to a safe level for the rest of the ICs (Integrated Circuits). 4. **Reset:** Once the spike passes, the device returns to its high-impedance state. --- ### 3. Key Selection Parameters When identifying or replacing a NETTVSGY component, engineers look at these three critical values: * **Working Peak Reverse Voltage ($V_{RWM}$):** The maximum voltage the diode can handle without turning on. * **Clamping Voltage ($V_C$):** The maximum voltage the device will allow through to the rest of the circuit during a spike. * **Peak Pulse Current ($I_{PP}$):** The maximum surge current the diode can survive. --- ### 4. Schematic Representation In a circuit diagram, these parts are represented by two Zener diodes pointing at each other (if bidirectional): ```text Line In o-------+-------o Line Out | --- / \ (TVS Diode) \ / --- | GND ```
    ✨ Follow-up Questions
    • ⤷ What are the common SMD marking codes for the NETTVSGY series?
    • ⤷ How does low capacitance impact the performance of TVS diodes in USB 3.0 circuits?
    • ⤷ Can a unidirectional TVS diode be used in place of a bidirectional one?