전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NETUSBCGY

  • AI
    Based on the search and technical context, **NETUSBCGY** typically refers to a specific color variant (likely "Grey") of a **USB-to-Ethernet Adapter** (often associated with brands like Vention or similar networking accessory manufacturers). Below is the technical breakdown of the electronic components and architecture found within such a device. --- ## 1. Core Electronic Components A USB-to-Ethernet adapter is an active electronic device that translates serial data from a USB bus to the Ethernet protocol (IEEE 802.3). | Component | Function | Common Specifications | | :--- | :--- | :--- | | **Main Controller (IC)** | The "brain" that bridges USB and Ethernet signals. | Realtek RTL8153 or ASIX AX88179 | | **Ethernet Transformer** | Provides galvanic isolation and signal conditioning. | 10/100/1000 Mbps Magnetic Module | | **Crystal Oscillator** | Provides the clock frequency for the IC. | Usually 25MHz or 12MHz | | **Voltage Regulator (LDO)** | Steps down USB 5V to 3.3V or 1.2V for the internal chip. | Low-dropout linear regulator | | **EEPROM** | Stores MAC address and configuration data. | Small serial memory chip | --- ## 2. Interface Specifications The "GY" in the model number usually denotes the aesthetic (Grey Aluminum Shell), but the electronics must support specific standards: ### USB Interface (Input) * **Physical:** USB Type-A or Type-C connector. * **Protocol:** USB 3.0 (3.1 Gen 1) which provides 5Gbps bandwidth, preventing bottlenecks for Gigabit speeds. * **Power:** Bus-powered (takes ~500mA to 900mA from the host). ### Ethernet Interface (Output) * **Physical:** RJ45 Port with integrated LED indicators. * **Data Rate:** Auto-negotiation between 10/100/1000 Mbps. * **Wiring:** Supports MDIX (auto-crossover detection). --- ## 3. Signal Flow Diagram The internal logic follows this path: ```mermaid graph LR A[USB Host] --> B[USB Controller IC] B --> C[MAC Layer Processing] C --> D[Ethernet PHY] D --> E[Magnetic Transformer] E --> F[RJ45 Connector] ``` --- ## 4. Key Features for Users * **Plug and Play:** The internal EEPROM contains hardware IDs that allow modern OSs (Windows 10/11, macOS) to load drivers automatically. * **EMI Shielding:** The "GY" models usually feature an **Aluminum Alloy Shell** which acts as a heatsink and an electromagnetic shield to reduce interference with Wi-Fi signals. * **LED Indicators:** * *Green LED:* Link established. * *Yellow/Amber LED:* Data activity.
    ✨ Follow-up Questions
    • What is the maximum data transfer speed supported by the NETUSBCGY adapter?
    • Does this device require external power or is it bus-powered?
    • Is the NETUSBCGY compatible with Nintendo Switch or only PCs?