전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NETWS

  • AI
    The term **NETWS** generally refers to **Network Switches** or **Network Systems** in the context of electronic hardware. These devices serve as the central nervous system of a data network, connecting multiple devices (computers, servers, printers) and routing data packets efficiently. --- ## 1. Core Electronic Components of a Network Switch A network switch is a complex embedded system consisting of several key electronic layers: | Component Type | Specific Part | Function | | :--- | :--- | :--- | | **ASIC / SoC** | Application-Specific Integrated Circuit | The "brain" that handles high-speed packet switching and frame forwarding. | | **PHY (Physical Layer)** | Ethernet Transceivers | Converts analog signals from the cable into digital data the processor understands. | | **Memory (RAM)** | DDR3/DDR4 SDRAM | Used for packet buffering (storing data temporarily during congestion) and routing tables. | | **Storage** | Flash Memory / EEPROM | Stores the Network Operating System (NOS) and configuration files. | | **CPU** | Management Processor | Handles the control plane, user interface (GUI/CLI), and security protocols. | --- ## 2. Power and Connectivity Architecture To ensure data integrity and 24/7 operation, the following subsystems are critical: ### A. Power Delivery * **PSU (Power Supply Unit):** Converts AC wall power to DC voltages (usually 12V, 5V, and 3.3V). * **PoE Controllers (Power over Ethernet):** Specialized chips that inject DC power into the Ethernet pairs to power IP cameras or VoIP phones. * **Voltage Regulators (VRMs):** Ensure stable voltage for the sensitive ASIC and CPU. ### B. Interface Ports * **RJ45 Connectors:** The standard copper ethernet ports. * **SFP/SFP+ Slots:** Small Form-factor Pluggable slots for fiber optic modules, used for long-distance or high-bandwidth uplinks. * **Magnetics (Transformers):** Small black blocks near the ports that provide electrical isolation and noise filtering. --- ## 3. Signal Integrity and Cooling Because high-speed data (1Gbps to 400Gbps) generates significant heat and electromagnetic interference (EMI): 1. **Heatsinks/Fans:** High-performance ASICs require active or passive cooling to prevent thermal throttling. 2. **Crystal Oscillators:** Provide the precise clock timing required for synchronizing data packets. 3. **Capacitors:** Electrolytic and Ceramic capacitors filter power noise to prevent data corruption. --- ## 4. Simplified Internal Logic Flow ```mermaid graph LR A[Port Input] --> B[Magnetics/PHY] B --> C[Switching ASIC] C --> D[Buffer RAM] D --> C C --> E[Management CPU] C --> F[Port Output] ```
    ✨ Follow-up Questions
    • What is the difference between a Managed and Unmanaged switch at the component level?
    • How do PoE controllers detect if a connected device needs power?
    • What role do 'Magnetics' play in protecting the internal circuitry of a switch?