전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NF-R-3

  • AI
    The **NF-R-3** typically refers to a high-performance **Brushless Electronic Speed Controller (ESC)** often used in RC modeling (drones, cars) or specific industrial robotic actuators. Below is a detailed breakdown of its electronic architecture and components. --- ## 1. Core Electronic Components The NF-R-3 is built around a high-speed processing architecture to handle real-time motor commutation. | Component | Function | Specification Details | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "Brain" | Usually a 32-bit ARM Cortex-M4 or high-speed 8051 core for low latency. | | **MOSFETs** | Power Switching | High-current Field Effect Transistors that drive the motor phases. | | **Gate Drivers** | Signal Amplification | Intermediate chips that allow the MCU to switch the high-power MOSFETs. | | **BEC (Optional)** | Voltage Regulation | A Battery Eliminator Circuit that steps down voltage for the receiver/servos. | | **Capacitor Bank** | Noise Filtering | Large electrolytic capacitors to smooth voltage spikes and ripples. | --- ## 2. Technical Specifications & Features The electronic design of the NF-R-3 focuses on thermal management and signal integrity. ### A. Power Handling * **Voltage Range:** Typically supports 2S to 6S LiPo (approx. 7.4V - 25.2V). * **Current Rating:** Designed for sustained high-amperage (varies by specific model sub-type, usually 40A-60A). ### B. Communication Protocols The onboard electronics are programmed to interpret various digital signals: 1. **DShot (300/600/1200):** Digital signals that offer higher resolution and no need for calibration. 2. **PWM:** Traditional pulse-width modulation for standard RC receivers. 3. **Telemetry:** Sends data (RPM, Current, Temperature) back to the flight controller. --- ## 3. Circuit Protection & Safety To prevent the electronics from burning out, the NF-R-3 integrates several hardware-level protections: * **Thermal Protection:** Internal thermistors monitor the temperature of the MOSFETs; the unit will "throttle down" if it exceeds 100°C. * **Current Limiting:** Prevents damage during a motor stall or a short circuit. * **Low Voltage Cutoff (LVC):** Prevents the connected battery from discharging to dangerous levels. --- ## 4. Typical Wiring Diagram (Electronic Layout) ```text [ Battery + ] ----> [ Main Capacitor ] ----> [ P-MOSFET Array ] ----> [ Motor Phase A ] [ Battery - ] ----> [ Logic Regulator ] ----> [ N-MOSFET Array ] ----> [ Motor Phase B ] |----> [ MCU / Processor ] ----> [ Motor Phase C ] [ Signal In ] -------------------------^ ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific firmware options available for the NF-R-3
    • ⤷ such as BLHeli_32?
    • ⤷ How does the NF-R-3 handle thermal dissipation during high-current operations?
    • ⤷ Is the NF-R-3 compatible with 8S LiPo configurations?