전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NF2040A-RQ

  • AI
    The **NF2040A-RQ** refers to a high-performance **EMI (Electromagnetic Interference) Filter**, typically manufactured by companies like Soshin Electric or similar specialized electronics firms. These components are critical for suppressing noise in power lines to ensure electromagnetic compatibility (EMC). --- ### 1. Technical Specifications Below are the typical electronic characteristics for the NF2040A-RQ series: | Parameter | Specification | | :--- | :--- | | **Rated Voltage** | 250 VAC / 250 VDC | | **Rated Current** | 40 Amperes | | **Phase** | Single Phase | | **Operating Temperature** | -25°C to +85°C | | **Test Voltage (Hi-pot)** | 2000 VAC (Line to Ground) | | **Insulation Resistance** | 100 MΩ minimum | | **Termination Type** | Screw Terminals (typically M5/M6) | --- ### 2. Internal Electronic Configuration The NF2040A-RQ is a **passive network** composed of three primary electronic elements arranged in a specific topology (often a Pi or L-circuit): 1. **Common Mode Chokes (Inductors):** Used to suppress noise that is common to both the phase and neutral lines relative to ground. 2. **X-Capacitors:** Connected between the lines (Line to Neutral) to suppress differential mode interference. 3. **Y-Capacitors:** Connected from the lines to the chassis/ground to bypass high-frequency common-mode noise. --- ### 3. Key Electronic Functions * **Noise Attenuation:** Designed to provide high insertion loss across a wide frequency range (usually 150kHz to 30MHz). * **Leakage Current Management:** Engineered to keep leakage current within safety standards (e.g., UL, CSA, VDE) while still providing effective filtering. * **Transient Suppression:** Helps protect sensitive downstream electronics from minor voltage spikes on the AC mains. --- ### 4. Common Applications Due to its 40A rating, this part is used in high-power industrial and commercial environments: * **Inverter-controlled equipment:** Suppressing switching noise from IGBTs. * **UPS Systems:** Cleaning output power for sensitive loads. * **Medical Equipment:** Meeting stringent EMC emission standards. * **Industrial Automation:** Preventing interference between motor drives and PLC controllers.
    ✨ Follow-up Questions
    • ⤷ What is the insertion loss characteristic (dB) for the NF2040A-RQ at 1MHz?
    • ⤷ Can this filter be used in a 3-phase power system?
    • ⤷ What are the physical dimensions and mounting requirements for this 40A filter?