전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NF3300C-RQ2

  • AI
    The **NF3300C-RQ2** is a high-performance **3-Phase Noise Filter** manufactured by Soshin Electric. It is designed specifically to suppress electromagnetic interference (EMI) and noise in industrial power lines, particularly for equipment using high-speed switching like inverters or motor drives. --- ### 1. Key Technical Specifications Below are the core electronic characteristics of the NF3300C-RQ2: | Parameter | Specification | | :--- | :--- | | **Rated Voltage** | 500 VAC (3-Phase) | | **Rated Current** | 300 Amperes (A) | | **Operating Frequency** | 50/60 Hz | | **Withstand Voltage** | 2,000 VAC (for 1 minute) | | **Insulation Resistance** | 100 MΩ minimum (at 500 VDC) | | **Leakage Current** | 7.0 mA max (at 250V / 60Hz) | | **Operating Temperature** | -25°C to +85°C | --- ### 2. Internal Electronic Composition The device is a passive electronic component consisting of a complex network of capacitors and inductors (LC Filter): 1. **Common-Mode Choke Coils:** Large magnetic cores wound with heavy-gauge wire to block high-frequency noise that travels in the same direction on all three phases. 2. **X-Capacitors (Line-to-Line):** Used to suppress differential mode noise (noise between the phases). 3. **Y-Capacitors (Line-to-Ground):** Used to shunt common-mode noise to the ground; these are critical for safety and EMI compliance. 4. **Discharge Resistors:** High-wattage resistors integrated to bleed off stored energy from the capacitors once power is disconnected, ensuring technician safety. --- ### 3. Connection and Installation The NF3300C-RQ2 uses high-current terminal blocks. The wiring logic is as follows: ```text [POWER SOURCE] --> [LINE SIDE] NF3300C-RQ2 [LOAD SIDE] --> [INVERTER/MOTOR] | [EARTH/GROUND] ``` * **Line Side:** L1, L2, L3 (Input from main power) * **Load Side:** L1', L2', L3' (Output to the machine) * **Ground:** Must be securely connected to the chassis to ensure noise suppression effectiveness. --- ### 4. Primary Applications * **Industrial Inverters:** Filtering the high-frequency PWM noise generated by IGBT switching. * **CNC Machinery:** Protecting sensitive control electronics from power grid fluctuations. * **Servo Drives:** Ensuring precision by removing electrical "jitter" from the power supply. * **Large Scale UPS:** Maintaining clean power in data centers or medical facilities. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between differential mode and common mode noise in this filter?
    • ⤷ How does the 300A current rating affect the physical size and cooling requirements?
    • ⤷ Can this filter be used with a 480V system?