전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NJG1107KB2-R1

  • AI
    ## Overview of NJG1107KB2-R1 The **NJG1107KB2-R1** is a High Power GaAs MMIC (Monolithic Microwave Integrated Circuit) **SPDT (Single Pole Double Throw) Switch**. It is specifically designed for high-power switching applications, such as antenna switching in mobile communications. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | NJG1107KB2-R1 | | **Switch Type** | SPDT (Single Pole Double Throw) | | **Frequency Range** | 100 MHz to 3.0 GHz | | **Insertion Loss** | 0.4 dB (at 1.0 GHz) / 0.5 dB (at 2.0 GHz) | | **Isolation** | 25 dB (at 1.0 GHz) / 20 dB (at 2.0 GHz) | | **P-1dB (Compression Point)** | +34 dBm (at 3.0V) | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | FLP6-B2 (Small Surface Mount) | --- ### Functional Architecture The device functions as a selector that routes an RF signal from a common port (PC) to one of two output ports (P1 or P2) based on control voltages. #### Logic Table | Control Voltage 1 (Vctl1) | Control Voltage 2 (Vctl2) | Signal Path | | :--- | :--- | :--- | | High | Low | PC to P1 | | Low | High | PC to P2 | --- ### Key Features 1. **Low Insertion Loss:** Minimizes signal degradation, making it ideal for the front-end of radio frequency (RF) circuits. 2. **High Power Handling:** Capable of handling up to +34 dBm, which is suitable for cellular transmit paths. 3. **Low Control Voltage:** Compatible with standard CMOS logic levels (usually 2.7V to 3.0V), reducing the need for level shifters. 4. **Integrated Circuitry:** Contains internal circuitry to minimize the need for external DC blocking capacitors (though they are often recommended for stability). ### Common Applications * **Mobile Handsets:** GSM, CDMA, and UMTS antenna switching. * **Wireless Data:** WLAN and Bluetooth signal routing. * **General RF Switching:** Used in any high-frequency system requiring low loss and high power handling between 100 MHz and 3 GHz. --- ### Example Implementation (Schematic Concept) ```cpp // Logic Control via Microcontroller (Example) DigitalWrite(VCTL1, HIGH); // Route RF to Port 1 DigitalWrite(VCTL2, LOW); // Note: Ensure DC Blocking capacitors are placed on // RF ports to prevent damage to the GaAs FETs. ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for DC blocking capacitors for this part?
    • ⤷ Can this switch be used in 5G sub-6GHz applications?
    • ⤷ What is the typical switching speed of the NJG1107KB2?