전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NN-RJ45L-RT

  • AI
    The **NN-RJ45L-RT** refers to a specific type of high-performance RJ45 connector, typically utilized in networking hardware and industrial communication interfaces. The "RT" suffix often denotes **Right Angle** and **Through-hole** mounting configurations. --- ### 1. Technical Specifications The following table highlights the general electronic and physical characteristics of this component series: | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Orientation** | Right Angle (90 Degree) | | **Mounting Type** | PCB Through-Hole | | **Shielding** | Shielded (Metal Housing) | | **LED Configuration** | Optional (Commonly Green/Yellow) | | **Contact Plating** | Gold over Nickel | | **Data Rate Support** | 10/100/1000 Base-T (Gigabit Ethernet) | --- ### 2. Core Electronic Components Inside an NN-RJ45L-RT module (especially if it is a "MagJack" or Integrated Connector Module), several electronic parts work together: #### A. Internal Magnetics (Transformers) * **Isolation:** Provides electrical isolation between the PHY (Physical Layer) chip and the cable to prevent damage from static or surges. * **Common Mode Choke:** Filters out electromagnetic interference (EMI) and noise from the differential pairs. #### B. Gold-Plated Contacts * Designed to minimize contact resistance. Gold is used to prevent oxidation over long-term use in humid or industrial environments. #### C. Shielding (Faraday Cage) * The outer metal shell is grounded to the PCB to protect the data signals from external Radio Frequency Interference (RFI). #### D. Integrated LEDs * Typically includes two LEDs (Left/Right) to indicate "Link Status" and "Activity." These are driven by the network controller via the PCB traces. --- ### 3. Pinout Configuration A standard 8-pin configuration is used for data transmission: ```text Pin 1: TD+ (Transmit Data +) Pin 2: TD- (Transmit Data -) Pin 3: RD+ (Receive Data +) Pin 4: NC (Not Connected / Reserved) Pin 5: NC (Not Connected / Reserved) Pin 6: RD- (Receive Data -) Pin 7: NC (Not Connected / Reserved) Pin 8: NC (Not Connected / Reserved) ``` *(Note: For Gigabit/1000Base-T, all 8 pins are used for bidirectional data.)* --- ### 4. Applications * **Industrial PCs:** Used for robust Ethernet connections in factory automation. * **Network Switches/Routers:** Found on the backplanes of networking hardware. * **Embedded Systems:** Integrated into Raspberry Pi-style boards or custom IoT gateways.
    ✨ Follow-up Questions
    • ⤷ Does the NN-RJ45L-RT include internal magnetics (MagJack) or is it a passive connector?
    • ⤷ What is the recommended footprint for PCB layout for this specific part?
    • ⤷ How do the 'RT' mounting pins differ from standard SMT versions?