전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NTMFS4922NET1G

  • AI
    ### NTMFS4922NET1G Technical Overview The **NTMFS4922NET1G** is a high-performance **N-Channel MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **onsemi**. It is primarily designed for power management applications where high efficiency and low heat generation are critical. --- ### Key Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Drain-to-Source Voltage ($V_{DSS}$)** | 30 V | Maximum voltage across drain and source. | | **Gate-to-Source Voltage ($V_{GS}$)** | ±20 V | Range of voltage allowed at the gate. | | **Continuous Drain Current ($I_D$)** | 56 A | Maximum current handled at $T_C = 25^\circ C$. | | **Static Drain-to-Source Resistance ($R_{DS(on)}$)** | 3.5 mΩ | Internal resistance when fully "ON" at 10V. | | **Total Gate Charge ($Q_G$)** | 16 nC | Charge required to switch the gate (lower is faster). | | **Package Type** | SO-8FL / DFN5 | Flat lead package for superior thermal cooling. | --- ### Core Electronic Characteristics #### 1. Low $R_{DS(on)}$ (Efficiency) One of the most significant features of this part is its very low "ON" resistance (3.5 mΩ). This minimizes **conduction losses**, meaning less energy is wasted as heat while the device is conducting current. #### 2. Optimized Gate Charge ($Q_G$) The device is designed with a low gate charge, which reduces **switching losses**. This makes it ideal for high-frequency DC-DC converters where the transistor must turn on and off millions of times per second. #### 3. SO-8FL Package (Thermal Management) The "FL" stands for **Flat Lead**. Unlike traditional leaded packages, this surface-mount design has a large thermal pad on the bottom. This allows heat to transfer directly into the PCB copper, preventing the component from overheating during high-current operations. --- ### Common Applications * **DC-DC Converters:** Used in point-of-load (POL) modules for servers and telecommunications. * **Synchronous Rectification:** Replacing diodes in power supplies to increase overall efficiency. * **Battery Management:** Controlling charge and discharge paths in lithium-ion battery packs. * **Motor Control:** Small BLDC (Brushless DC) motor drivers for drones or handheld tools. --- ### Circuit Symbol and Pinout The device follows the standard N-Channel MOSFET configuration: 1. **Gate (G):** Controls the device state. 2. **Drain (D):** The output terminal (connected to the metal tab/case). 3. **Source (S):** The input terminal (usually connected to ground). ```python # Conceptual Logic: # If V_gs > V_th (Threshold Voltage): # MOSFET = "CLOSED SWITCH" (Current flows D to S) # Else: # MOSFET = "OPEN CIRCUIT" (No current flow) ```
    ✨ Follow-up Questions
    • ⤷What are the thermal considerations when designing a PCB for the SO-8FL package?
    • ⤷ How does the NTMFS4922NET1G compare to the NTMFS4921N in terms of performance?
    • ⤷ What is the typical Gate Threshold Voltage (Vgs(th)) for this specific MOSFET?