전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • NX8571SC393D-BA

  • AI
    The **NX8571SC393D-BA** is a specialized optoelectronic component, specifically a **Distributed Feedback (DFB) Laser Diode Module** with a built-in optical isolator. It is primarily designed for high-speed fiber-optic communication systems, such as DWDM (Dense Wavelength Division Multiplexing). --- ## 1. Technical Specifications The following table summarizes the key electrical and optical characteristics of this component: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Laser Type** | DFB Laser | Distributed Feedback for narrow spectral width. | | **Wavelength** | ~1550 nm (C-Band) | Standard long-haul telecommunication window. | | **Package Type** | Butterfly (14-pin) | Standard high-reliability package with leads. | | **Optical Output** | 10mW - 20mW | Typical power output range for high-speed links. | | **Built-in Parts** | Isolator & TEC | Includes Optical Isolator, Thermistor, and Cooler. | | **Data Rate** | Up to 2.5 Gbps | Suitable for STM-16/OC-48 applications. | --- ## 2. Internal Electronic Sub-Systems The module is not just a light source; it contains several critical electronic sub-components integrated into the 14-pin butterfly housing: ### A. The Laser Diode (LD) * **DFB Structure:** Unlike standard Fabry-Perot lasers, the DFB structure uses a grating to force the laser to emit at a single, precise frequency, which is essential for reducing chromatic dispersion over long distances. ### B. Thermoelectric Cooler (TEC) & Thermistor * **Purpose:** Laser wavelength and power are highly sensitive to temperature. * **Function:** The internal TEC (Peltier element) acts as a heat pump to keep the laser chip at a constant temperature (usually 25°C), while the NTC Thermistor provides feedback to the external controller. ### C. Optical Isolator * **Purpose:** Prevents reflected light from returning to the laser cavity. * **Function:** Reflections can cause "optical noise" or frequency instability; the isolator ensures one-way light flow toward the fiber. ### D. Monitor Photodiode (MPD) * **Purpose:** Power regulation. * **Function:** It measures the light output from the back facet of the laser to allow for an **Automatic Power Control (APC)** circuit to adjust the bias current as the laser ages. --- ## 3. Pinout Logic (Typical Butterfly Configuration) While specific pinouts should always be verified against the Renesas/NEC datasheet, the 14-pin butterfly package generally follows this logic: | Pin Range | Function | | :--- | :--- | | **Pins 1, 14** | TEC (+) and (-) | | **Pins 2, 3** | Thermistor | | **Pin 5** | Monitor PD Anode | | **Pin 9** | Laser Diode Cathode | | **Pin 11** | Laser Diode Anode | --- ## 4. Primary Applications * **Metropolitan Area Networks (MAN):** High-speed data transit between cities. * **DWDM Systems:** Used where multiple wavelengths are packed into a single fiber. * **Long-reach Optical Transmitters:** Capable of driving signals over 40km to 80km without regeneration.
    ✨ Follow-up Questions
    • ⤷ What is the exact wavelength spacing required for this DFB laser in a DWDM system?
    • ⤷ How do you interface the TEC pins with a PID controller?
    • ⤷ What are the maximum forward current ratings for the NX8571 series?