O-CS8-ALS17EWL-R
AI

The **O-CS8-ALS17EWL-R** is a specialized electronic component, typically categorized as an **Optical Ambient Light Sensor (ALS)** module. These components are designed to sense the intensity of light in the surrounding environment to adjust display brightness or trigger specific power-saving modes.
---
### 1. Component Specifications
The following table outlines the technical characteristics typical for this specific series:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Ambient Light Sensor (ALS) |
| **Interface** | I2C (Inter-Integrated Circuit) |
| **Spectral Response** | Closely matches the human eye (Photopic) |
| **Supply Voltage (Vcc)** | 1.7V to 3.6V (Standard Range) |
| **Dynamic Range** | Wide range (typically 0.01 lux to 64k lux) |
| **Package Type** | Surface Mount (SMD) / Optical LGA |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Internal Architecture
The sensor is comprised of several key electronic sub-sections:
* **Photodiode Array:** Converts incoming photons into a small electrical current. One photodiode usually detects visible light, while another may detect infrared (IR) to compensate for noise.
* **Analog-to-Digital Converter (ADC):** A high-resolution (often 16-bit) ADC converts the analog current from the photodiodes into digital data.
* **Control Logic & I2C Interface:** This allows a microcontroller (MCU) to read the lux values and configure settings like integration time and gain.
* **Interrupt Engine:** A digital block that can send a signal to the MCU only when light levels cross a predefined threshold, saving system power.
---
### 3. Application Circuit Example
To integrate this part, a standard pull-up resistor configuration is required for the I2C bus.
```cpp
// Pseudocode for reading sensor data via I2C
#include
#define ALS_ADDR 0xXX // Specific I2C Address
void setup() {
Wire.begin();
// Initialize sensor: Set Gain and Integration Time
writeRegister(ALS_ADDR, CONFIG_REG, 0x01);
}
void loop() {
uint16_t lightLevel = readData(ALS_ADDR, DATA_REG);
Serial.print("Current Lux: ");
Serial.println(lightLevel);
delay(500);
}
```
---
### 4. Key Features
1. **IR Compensation:** It filters out infrared light (from the sun or incandescent bulbs) to ensure the sensor "sees" exactly what a human eye sees.
2. **Low Power Consumption:** Designed for mobile devices, drawing very little current in "Standby" or "Sleep" modes.
3. **Flicker Rejection:** Internal circuitry often filters out the 50Hz/60Hz flicker from artificial indoor lighting.
- ⤷
What is the exact I2C address for the O-CS8-ALS17EWL-R?
- ⤷ How does the IR compensation feature improve lux accuracy?
- ⤷ What are the typical pinout connections for this SMD package?