전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • O-CS8-ALS17GUP-R

  • AI
    The **O-CS8-ALS17GUP-R** is a specific optical sensor component, typically identified as an **Ambient Light Sensor (ALS)** module. These components are designed to sense the intensity of surrounding light and convert it into an electrical signal, commonly used for display brightness control in smartphones, tablets, and automotive displays. --- ### Technical Specifications and Overview | Feature | Description | | :--- | :--- | | **Component Type** | Ambient Light Sensor (ALS) | | **Output Type** | Digital (usually I2C interface) | | **Spectral Response** | Close to the human eye response (photopic) | | **Package Style** | Surface Mount Device (SMD) / Chip-scale Package | | **Primary Function** | Measuring Illuminance (Lux) | | **Lead Status** | RoHS Compliant / Lead-Free (indicated by "-R") | --- ### Key Electronic Sub-Parts The internal architecture of this sensor consists of several integrated electronic blocks: 1. **Photodiodes:** The core sensing element. It usually contains two types of photodiodes: one sensitive to visible light and another sensitive to Infrared (IR). This allows the sensor to subtract IR noise and calculate accurate "Lux" as perceived by humans. 2. **Analog-to-Digital Converter (ADC):** Integrates the current from the photodiodes over a specific period (integration time) and converts it into a digital 16-bit or 24-bit value. 3. **I2C Interface Logic:** Provides the communication protocol used by the host processor (SDA/SCL lines) to read data and configure settings like gain and sensitivity. 4. **Control Registers:** Internal memory locations that allow the user to set thresholds, power modes (Active vs. Sleep), and interrupt persistence. --- ### Common Applications * **Display Management:** Automatically dimming or brightening screens to save power and reduce eye strain. * **Proximity Detection:** (If integrated) Turning off touchscreens during phone calls. * **Industrial Lighting:** Controlling smart street lights or office lighting based on available sunlight. * **Consumer Electronics:** Used in cameras for exposure control or in laptops for backlit keyboard adjustment. --- ### Circuit Integration Diagram (Simplified) ```mermaid graph LR A[Light Input] --> B[Photodiode Array] B --> C[Amplifier/ADC] C --> D[Digital Logic/Registers] D <--> E[I2C Interface] E <--> F[Host CPU] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the O-CS8-ALS17GUP-R?
    • ⤷ How do I calculate the Lux value from the raw digital output of this sensor?
    • ⤷ What is the operating voltage range for this ALS module?