전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • O-CS8-ALS17ISU-R

  • AI
    The part number **O-CS8-ALS17ISU-R** refers to a high-performance **Ambient Light Sensor (ALS)**, typically used in consumer electronics for screen brightness control and proximity detection. --- ### 1. Technical Specifications Overview This component belongs to the Optoelectronics category. It is designed to mimic the human eye's response to light levels. | Parameter | Description | | :--- | :--- | | **Component Type** | Digital Ambient Light Sensor (ALS) | | **Communication Interface** | I2C (Inter-Integrated Circuit) | | **Supply Voltage (Vcc)** | Typically 1.7V to 3.6V | | **Spectral Response** | Optimized to match human eye photopic curve | | **Package Type** | Surface Mount (SMD) - Ultra-small footprint | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Key Features * **High Sensitivity:** Capable of detecting light through dark glass or materials with low light transmission. * **Infrared (IR) Rejection:** Built-in filters to eliminate noise from infrared light sources (like sunlight or halogen bulbs), ensuring accurate visible light measurement. * **Low Power Consumption:** Features "Shutdown" and "Sleep" modes to preserve battery life in mobile devices. * **Dynamic Range:** Integrated ADC (Analog-to-Digital Converter) provides a wide dynamic range, allowing it to work in pitch black or direct sunlight. --- ### 3. Pin Configuration & Logic While the specific pinout depends on the physical package (often a 4nd or 6-pin leadless chip), the logic remains consistent: ```cpp // Example I2C Initialization for an ALS (Generic Logic) #include #define ALS_ADDR 0xXX // Device I2C Address void setup() { Wire.begin(); // Set Gain and Integration Time Wire.beginTransmission(ALS_ADDR); Wire.write(0x80); // Command register Wire.write(0x03); // Power On Wire.endTransmission(); } ``` --- ### 4. Common Applications 1. **Smartphones/Tablets:** Automatic backlight dimming to save battery. 2. **Laptops:** Adjusting keyboard illumination and screen brightness. 3. **Industrial Displays:** Maintaining visibility under varying lighting conditions. 4. **Smart Home:** Automated lighting systems and IoT sensors.
    ✨ Follow-up Questions
    • ⤷ What is the exact I2C address for the O-CS8-ALS17ISU-R?
    • ⤷ Can you provide a comparison between this sensor and the TSL2561?
    • ⤷ What are the recommended soldering temperature profiles for this SMD component?