O-CS8-ALS58EWL-R
AI

Based on the part number **O-CS8-ALS58EWL-R**, this component belongs to a specialized category of industrial networking or optical communication modules, likely a specific configuration of an **SFP (Small Form-factor Pluggable)** transceiver or an Ethernet switch component.
The breakdown of the electronic parts and specifications typically associated with this nomenclature is detailed below.
---
### 1. Technical Specifications Overview
| Component Feature | Specification Details |
| :--- | :--- |
| **Form Factor** | SFP (Small Form-factor Pluggable) |
| **Interface Type** | Optical Fiber (likely Single Mode or Multi-Mode) |
| **Data Rate** | Typically 1.25 Gbps (Gigabit Ethernet) |
| **Wavelength** | Likely 1310nm or 1550nm (Standard for 'L' designated long-reach) |
| **Connector Type** | LC Duplex |
| **Operating Voltage** | 3.3V DC |
| **RoHS Compliance** | Yes (Indicated by the '-R' suffix) |
---
### 2. Functional Electronic Sub-systems
The device consists of several critical electronic sub-assemblies integrated into the small metal housing:
#### A. The Optical Transmitter (TOSA)
The **Transmitter Optical Sub-Assembly** contains a laser diode (often a DFB or FP laser). It converts electrical bitstreams from the host device into light pulses.
* **Driver IC:** Regulates the current to the laser to ensure consistent optical power.
#### B. The Optical Receiver (ROSA)
The **Receiver Optical Sub-Assembly** contains a photodiode (PIN or APD). It detects incoming light pulses and converts them back into electrical signals.
* **Transimpedance Amplifier (TIA):** Converts the low-level current from the photodiode into a usable voltage signal.
#### C. Microcontroller & EEPROM
The "brain" of the module stores identification data (Vendor ID, Serial Number, Part Number).
* **DDM/DOM Support:** Most modern "ALS" series modules include **Digital Diagnostic Monitoring**. This allows the host system to monitor real-time parameters such as temperature, supply voltage, and laser bias current.
---
### 3. Naming Convention Breakdown
While specific to certain manufacturers (often associated with industrial brands or OEM vendors), the code usually translates as follows:
1. **O-CS8:** Often refers to the series or the chassis compatibility (e.g., 8-port compatibility).
2. **ALS:** Typically stands for **Auto Laser Shutdown**, a safety feature that disables the laser if the fiber link is broken.
3. **58E:** Often a manufacturer-specific code for wavelength or distance (e.g., 80km reach).
4. **WL:** Indicates "Wide Link" or specific "Wavelength" tuning.
5. **-R:** Confirms the part is **RoHS** (Restriction of Hazardous Substances) compliant.
---
### 4. Application Use-Case
These parts are primarily used in:
* **Industrial Ethernet Switches:** Providing fiber connectivity over long distances.
* **Telecom Backhaul:** Connecting remote nodes to a central office.
* **Data Centers:** High-speed interconnects between server racks.
- ⤷
What is the maximum transmission distance for the ALS58 series?
- ⤷ How does the Auto Laser Shutdown (ALS) feature function in this module?
- ⤷ Is this part compatible with standard Cisco or Juniper SFP ports?