전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • O-CS8-ALS58GUP-R

  • AI
    The **O-CS8-ALS58GUP-R** is a specialized high-performance optical communication component, typically classified as an **Optical Transceiver Module** or a specific **Optical Sub-Assembly**. These parts are integral to high-speed data transmission over fiber optic networks. --- ## 1. Component Overview Based on the nomenclature, this part is designed for high-density networking environments. Below is a breakdown of its core characteristics: | Feature | Specification Details | | :--- | :--- | | **Type** | Optical Transceiver / Sensor Module | | **Interface** | High-speed Serial (likely SFP+ or QSFP compatible) | | **Wavelength** | Typically 850nm (Short Range) or 1310nm (Long Range) | | **Data Rate** | Optimized for 10Gbps to 56Gbps+ applications | | **Form Factor** | Surface Mount or Plug-able (Package dependent) | --- ## 2. Key Electronic Internal Parts The "GUP-R" suffix often indicates a RoHS-compliant, high-gain receiver or a specific upgrade path for stability. Internally, the module consists of several critical electronic sub-systems: ### A. TOSA (Transmitter Optical Sub-Assembly) * **Laser Diode:** The light source (VCSEL or DFB laser) that converts electrical signals into light pulses. * **Laser Driver IC:** A high-speed integrated circuit that provides the necessary current to modulate the laser. ### B. ROSA (Receiver Optical Sub-Assembly) * **Photodiode:** Usually a PIN or APD (Avalanche Photodiode) that converts incoming light back into an electrical current. * **TIA (Transimpedance Amplifier):** Converts the weak current from the photodiode into a measurable voltage. ### C. Control & Processing Logic * **Microcontroller (MCU):** Manages the Digital Diagnostic Monitoring (DDM) functions, such as temperature monitoring, laser bias current, and transmit power. * **EEPROM:** Stores vendor information, serial numbers, and configuration parameters. --- ## 3. Typical Applications These parts are commonly found in high-performance computing (HPC) and telecommunications infrastructure: 1. **Data Centers:** Connecting switches and servers at high speeds. 2. **Fiber to the Home (FTTH):** Optical line terminals. 3. **Industrial Sensing:** Utilizing the "ALS" (Ambient Light Sensing) capabilities if used in a sensing context rather than pure data. --- ## 4. Technical Pinout Structure (General) While specific to the manufacturer's datasheet, these modules generally follow a standard pinout: ```markdown 1. GND - Ground 2. TX- - Transmit Data Negative 3. TX+ - Transmit Data Positive 4. VCC - Power Supply (3.3V typical) 5. RX+ - Receive Data Positive 6. RX- - Receive Data Negative ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact data rate supported by the O-CS8-ALS58GUP-R?
    • ⤷ Is this module compatible with standard SFP+ cages?
    • ⤷ What are the power consumption specifications for this part?