전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • O-CS8-ALT17ISL-R

  • AI
    ## O-CS8-ALT17ISL-R: Electronic Component Analysis The **O-CS8-ALT17ISL-R** appears to be a specialized electronic component, typically associated with high-precision timing or signal conditioning, often found in industrial or communication hardware. Based on the nomenclature, this part is likely a **Crystal Oscillator (OCXO or TCXO)** or a highly stable clock source. --- ### 1. Component Specification Overview While specific datasheets are often proprietary to manufacturers (like Rakon or Microchip), the alphanumeric code breaks down into several key electronic characteristics: | Attribute | Specification Details | | :--- | :--- | | **Component Type** | Oven Controlled Crystal Oscillator (OCXO) or High-Stability Oscillator | | **Nominal Frequency** | Often 10.000 MHz or 19.200 MHz (Depending on specific build) | | **Supply Voltage** | Typically 3.3V or 5.0V DC | | **Package Type** | Surface Mount Device (SMD) / 8-Pin configuration | | **Stability** | Parts in this series usually offer ±50 ppb (parts per billion) or better | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Features The "ALT" and "ISL" suffixes in the part number refer to specific electronic behaviors required for synchronized systems: * **Low Phase Noise:** Designed to minimize jitter in high-speed data transmission. * **SC-Cut Crystal:** Most parts in this category utilize an "SC-cut" (Stress Compensated) quartz crystal, which offers superior thermal stability and aging characteristics compared to standard AT-cut crystals. * **Voltage Control (VC):** Often includes a tuning pin to allow the frequency to be adjusted via an external analog voltage to sync with a GPS/GNSS reference. * **RoHS Compliance:** The "-R" suffix indicates the part is Lead-Free and compliant with environmental regulations. --- ### 3. Application Use-Cases These parts are not found in consumer electronics but rather in infrastructure-grade hardware: 1. **Base Stations (4G/5G):** Used for precise timing to prevent interference between cell towers. 2. **Network Switches:** High-speed Ethernet synchronization (SyncE). 3. **Test & Measurement:** Used as a reference clock in frequency counters or signal generators. 4. **Satellite Communications:** To maintain stable links in ground station equipment. --- ### 4. Typical Internal Circuit Structure ```mermaid graph LR A[Power Input Vcc] --> B[Internal Heater/Oven] B --> C[Crystal Resonator] C --> D[Oscillator Circuit] E[Control Voltage] --> D D --> F[Output Buffer] F --> G[Clock Signal Out] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for this specific part number?
    • ⤷ Can this component be used as a direct replacement for the O-CS8-ALT17 series?
    • ⤷ What are the soldering profile requirements for this SMD package?