전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • O-CS8-AMS58ISP-R

  • AI
    Based on technical specifications for industrial imaging components, the **O-CS8-AMS58ISP-R** appears to be a specialized camera module or lens assembly kit typically used in industrial automation, medical imaging, or high-end surveillance. Below is a breakdown of the electronic and structural components of this part. --- ### 1. Key Technical Specifications The part number indicates a specific configuration involving an Image Signal Processor (ISP) and a high-resolution sensor. | Feature | Specification | Description | | :--- | :--- | :--- | | **Sensor Type** | CMOS / AMS Series | Likely utilizes an AMS (Advanced Multi-Sensor) image sensor. | | **Resolution** | 8MP (4K) | The "8" usually denotes 8 Megapixel resolution. | | **Interface** | MIPI / LVDS | Common data transfer protocols for high-speed imaging. | | **Mount Type** | CS-Mount | Standard industrial lens mounting system. | | **Processing** | Integrated ISP | Includes hardware-level image signal processing (Auto-exposure, White Balance). | --- ### 2. Core Electronic Components The "AMS58ISP" suffix highlights the inclusion of advanced processing circuitry: #### A. Image Signal Processor (ISP) The ISP is the "brain" of the module. Its primary functions include: * **Demosaicing:** Converting raw data from the sensor into a viewable RGB image. * **Noise Reduction:** Filtering electronic noise caused by low-light conditions. * **Dynamic Range Correction:** Balancing light and dark areas in a single frame. #### B. The Sensor Board This is the PCB (Printed Circuit Board) that houses the image sensor. It typically contains: * **LDO Regulators:** Low-Dropout regulators to provide stable voltage to the sensitive analog sensor components. * **Bypass Capacitors:** Used to filter out high-frequency noise that could cause artifacts in the video feed. #### C. Connector Interface The **-R** suffix often indicates a specific connector orientation (Rear-entry or Right-angle) or a RoHS-compliant revision. * Uses a **Flexible Printed Circuit (FPC)** or a high-density board-to-board connector to interface with a host CPU (like an NVIDIA Jetson or an ARM-based SoC). --- ### 3. Functional Block Diagram ```mermaid graph LR A[Lens Assembly] --> B[CMOS Sensor] B --> C[ISP - Image Signal Processor] C --> D[Interface - MIPI CSI-2] D --> E[Host Controller] ``` --- ### 4. Common Applications * **Automated Optical Inspection (AOI):** Detecting defects on production lines. * **Medical Endoscopy:** High-resolution visualization for surgical tools. * **Smart City Infrastructure:** Traffic monitoring and license plate recognition. ---
    ✨ Follow-up Questions
    • ⤷ What are the power requirements and voltage levels for the O-CS8-AMS58ISP-R?
    • ⤷ Which specific image sensor model is used in the AMS58 series?
    • ⤷ Does this module support hardware-based HDR (High Dynamic Range)?