전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • O-CS8-AMSYZISL-R

  • AI
    The part number **O-CS8-AMSYZISL-R** appears to follow a specific nomenclature typically associated with high-precision **Oven Controlled Crystal Oscillators (OCXOs)** or specialized timing modules used in telecommunications and aerospace. Below is a breakdown of the electronic components and specifications generally associated with this class of device. --- ### 1. Technical Specifications Overview High-performance oscillators like this are designed for environments requiring extreme frequency stability over temperature variations. | Parameter | Typical Specification | Description | | :--- | :--- | :--- | | **Component Type** | OCXO | Oven Controlled Crystal Oscillator | | **Output Frequency** | Custom (e.g., 10MHz - 100MHz) | Determined by the internal quartz crystal. | | **Supply Voltage** | 3.3V or 5.0V DC | Standard operating voltage for digital logic. | | **Stability** | ±0.1 ppb to ±50 ppb | Frequency deviation over temperature. | | **Package Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | | **Phase Noise** | Low Phase Noise | Critical for high-speed data transmission. | --- ### 2. Internal Electronic Components An OCXO is not a single part but a sub-system consisting of several internal electronic stages: * **Quartz Crystal (The Core):** A high-Q factor crystal cut (often SC-cut) that acts as the mechanical resonator. * **The "Oven" (Heater):** A resistive heating element controlled by a thermal feedback loop to keep the crystal at its "turning point" (a specific temperature where frequency change is minimal). * **Thermistor:** A temperature sensor that provides feedback to the internal oven controller. * **Varactor Diode:** Used for electronic frequency tuning (EFC) to allow the user to make fine adjustments to the output. * **Buffer Amplifier:** Ensures the output signal has enough drive strength and isolates the oscillator from load variations. --- ### 3. Application Use Cases This specific component is typically found in infrastructure-grade hardware: 1. **5G Base Stations:** Providing the precise timing required for Time Division Duplexing (TDD). 2. **GPS/GNSS Receivers:** Maintaining "holdover" timing when satellite signals are temporarily lost. 3. **Test & Measurement:** Acting as a reference clock for spectrum analyzers or signal generators. 4. **Network Switches:** Synchronous Ethernet (SyncE) and IEEE 1588 PTP applications. --- ### 4. Part Number Breakdown (Generalized) While manufacturers use proprietary codes, the segments in **O-CS8-AMSYZISL-R** generally represent: * **O:** Likely denotes **Ovenized**. * **CS8:** Refers to the physical package size or series (e.g., 9x14mm or 22x25mm). * **AMSYZ:** Typically encodes temperature range (e.g., -40°C to +85°C) and stability requirements. * **-R:** Indicates **RoHS compliance** and Tape & Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of this specific part number?
    • ⤷ How does an OCXO differ from a standard TCXO?
    • ⤷ What are the power consumption requirements for the internal heater?