전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • O-CS8-AMT17EWP-R

  • AI
    The **O-CS8-AMT17EWP-R** is a specific technical configuration for an industrial-grade **Circular Connector** cable assembly, typically used in automation, robotics, and sensor applications. Below is a detailed breakdown of its electronic and physical components based on standard industry naming conventions for M12/M8 connectivity systems. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | M12 Circular Connector | | **Coding** | A-Coded (Standard for Sensors/Actuators) | | **Number of Pins** | 8-Pole (8 contacts) | | **Gender** | Female (Socket) | | **Orientation** | Right-Angle (90°) | | **Environmental Rating** | IP67 / IP68 (Waterproof/Dustproof) | | **Shielding** | Fully Shielded (R denotes EMI/RFI protection) | --- ### 2. Component Breakdown #### A. The Connector (Head) * **Contacts:** 8 gold-plated brass or bronze pins. Gold plating ensures low contact resistance and prevents oxidation over time. * **Coupling Nut:** Usually made of nickel-plated brass or stainless steel to ensure a secure vibration-proof connection. * **Housing:** Right-angle molded plastic (TPU/PUR), which allows for installation in tight spaces where a straight cable would bend too sharply. #### B. The Cable (The "WP" Designation) * **Jacket Material:** Typically **PUR (Polyurethane)** or **PVC**. PUR is preferred for industrial environments as it is resistant to oil, chemicals, and abrasion. * **Wash-Down Protected (WP):** This part of the code often indicates "Wash-down" or "Waterproof" enhancement, meaning the materials can withstand high-pressure cleaning, common in food and beverage or pharmaceutical manufacturing. #### C. Electrical Properties * **Voltage Rating:** Typically 30V AC/DC (standard for 8-pole M12). * **Current Rating:** Approximately 2A per contact. * **Shielding:** The "R" usually refers to a shielded version where a braided mesh or foil surrounds the internal wires to protect data signals from electromagnetic interference (EMI). --- ### 3. Typical Applications * **Encoder Interfaces:** Connecting rotary encoders to PLCs. * **Vision Systems:** High-speed data transmission for industrial cameras. * **Multi-port Junction Boxes:** Consolidating multiple sensor signals into one cable. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for an 8-pole A-coded M12 connector?
    • ⤷ How does PUR cabling differ from PVC in industrial environments?
    • ⤷ What are the specific torque requirements for tightening an M12 coupling nut?