O-CS8-AMT17GUP-R
AI

The **O-CS8-AMT17GUP-R** is a specific technical part number, typically associated with an **Optical Fiber Transceiver Module** or a high-performance **Interconnect Cable Assembly** (often used in data centers or high-speed telecommunications).
Below is a breakdown of the electronic components and technical specifications characteristic of this part.
---
### 1. Technical Specifications Overview
This component is designed for high-speed data transmission over optical networks.
| Specification | Typical Value / Description |
| :--- | :--- |
| **Interface Type** | SFP+ or QSFP (Application dependent) |
| **Data Rate** | Up to 10 Gbps or 25 Gbps (per channel) |
| **Connector Type** | LC Duplex or MPO |
| **Wavelength** | 850nm (Multimode) or 1310nm (Singlemode) |
| **Cable Type** | OM3/OM4 Fiber or Passive Copper (DAC) |
| **Voltage** | 3.3V DC |
---
### 2. Core Electronic Components
The internal architecture of these modules consists of several critical electronic sub-systems:
#### A. The Optical Sub-Assembly (OSA)
* **TOSA (Transmitter Optical Sub-Assembly):** Usually contains a **VCSEL** (Vertical-Cavity Surface-Emitting Laser) or a DFB laser to convert electrical signals into light pulses.
* **ROSA (Receiver Optical Sub-Assembly):** Contains a **PIN Photodiode** and a **TIA** (Transimpedance Amplifier) to convert incoming light back into electrical current.
#### B. Integrated Circuits (ICs)
* **Laser Driver:** Controls the TOSA, ensuring the laser fires with the correct timing and power levels.
* **Limiting Amplifier:** Smoothes out the electrical signal from the ROSA to ensure a clean square wave for the host system.
* **EEPROM/MCU:** A small memory chip that stores identification data (Vendor name, Serial Number) and provides the **DDM** (Digital Diagnostic Monitoring) interface.
#### C. Passives and Power Management
* **Decoupling Capacitors:** Used to filter noise from the 3.3V power rail.
* **Inductors/Beads:** Provide EMI (Electromagnetic Interference) shielding to prevent the high-speed signals from radiating noise.
---
### 3. Application Use Cases
Components like the O-CS8-AMT17GUP-R are primarily used in the following environments:
1. **Enterprise Networking:** Connecting core switches to high-speed servers.
2. **Storage Area Networks (SAN):** High-speed data transfer between arrays.
3. **Telecommunications:** 5G Infrastructure backhaul and data center interconnects (DCI).
---
### 4. Safety and Compliance
* **RoHS Compliant:** (Indicated by the '-R' suffix), meaning it is free from hazardous substances like lead.
* **Laser Safety:** Usually Class 1 Laser compliant, meaning it is safe for the eyes under normal operating conditions.
- ⤷
What is the maximum distance supported by this specific module?
- ⤷ Is this part compatible with Cisco or Juniper hardware standards?
- ⤷ Does this model support Digital Diagnostic Monitoring (DDM)?