O-CS8-AMT58GUP-R
AI

The **O-CS8-AMT58GUP-R** is a high-performance microwave sensor module primarily used for motion detection and occupancy sensing. It operates on the 5.8GHz ISM band and is widely integrated into smart lighting, security systems, and industrial automation.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the module:
| Parameter | Specification |
| :--- | :--- |
| **Operating Frequency** | 5.8 GHz ± 75 MHz (ISM Band) |
| **Input Voltage (VCC)** | 5V DC (Typical) |
| **Operating Current** | ~30mA to 50mA |
| **Detection Range** | 0.5m – 12m (Adjustable via software/hardware) |
| **Output Signal** | High/Low Level (TTL) or PWM |
| **Transmitting Power** | < 0.5mW |
| **Operating Temperature** | -20°C to +85°C |
---
### 2. Core Electronic Components
The module is composed of several critical electronic sub-systems:
* **RF Oscillator & Patch Antenna:**
The heart of the module is the 5.8GHz oscillator coupled with a PCB-integrated patch antenna. It emits low-power electromagnetic waves and receives the reflected signals (Doppler Effect).
* **IF (Intermediate Frequency) Amplifier:**
Since the reflected signal is extremely weak, an onboard operational amplifier (Op-Amp) chain is used to filter noise and boost the signal for processing.
* **MCU / Signal Processor:**
The module includes a specialized micro-processing unit that runs algorithms to distinguish between actual human movement and environmental interference (like wind or vibrations).
* **Photosensitive Circuit (Optional):**
Many versions of this module include a pin for a photoresistor (LDR) to ensure the sensor only activates the output during nighttime or low-light conditions.
---
### 3. Pin Configuration and Interface
The module typically features a 5-pin or 3-pin interface for easy integration into PCB designs:
1. **VCC:** Power supply input (usually 5V).
2. **GND:** Common ground.
3. **OUT:** Control signal output (Triggers high when motion is detected).
4. **RX/TX (Optional):** Used for UART communication to tune sensitivity and delay times digitally.
5. **CDS:** Input for light-dependent resistor to disable sensing during the day.
---
### 4. Advantages over PIR Sensors
Compared to traditional Passive Infrared (PIR) sensors, the **O-CS8-AMT58GUP-R** offers:
* **Penetration:** Can detect motion through thin walls, glass, and plastic enclosures.
* **Stability:** Not affected by ambient temperature or heat sources (unlike PIR which struggles in hot weather).
* **Aesthetics:** Can be completely hidden inside a product's housing, requiring no lens opening.
---
- ⤷
How do you adjust the detection sensitivity and delay time on this specific module?
- ⤷ What are the common causes of false triggering in 5.8GHz microwave sensors?
- ⤷ Can this module be used in battery-powered applications
- ⤷ and what is its sleep mode current?