전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • O-CS8-AMT58ISP-R

  • AI
    The **O-CS8-AMT58ISP-R** is a high-performance image sensor module typically used in industrial imaging, surveillance, and embedded vision systems. It integrates an image sensor with an **Image Signal Processor (ISP)** to deliver processed video data. --- ## 1. Key Component Overview | Component | Specification / Detail | |:---|:---| | **Primary Sensor** | Likely based on a CMOS architecture (standard for AMT series). | | **ISP Integration** | Includes an onboard Image Signal Processor for hardware-level image enhancement. | | **Interface Type** | Typically supports MIPI CSI-2 or Parallel interfaces for high-speed data transfer. | | **Resolution Support** | Optimized for 1080p (Full HD) or higher depending on the specific firmware revision. | --- ## 2. Electronic Sub-Systems ### A. Image Signal Processor (ISP) Functions The "ISP" suffix indicates that the module does not just output raw Bayer data. It performs the following electronic tasks internally: * **Demosaicing:** Converting raw data into RGB pixels. * **Noise Reduction:** Spatial and temporal filtering to improve low-light performance. * **Auto-Functions:** Hardware-based Auto Exposure (AE), Auto White Balance (AWB), and Auto Focus (AF) control. * **WDR/HDR:** Wide Dynamic Range processing to balance bright and dark areas. ### B. Power Management This module generally requires multiple voltage rails to operate correctly: * **Analog Power (AVDD):** Usually 2.8V, used for the sensor's pixel array to minimize noise. * **Digital Power (DVDD):** Usually 1.2V - 1.8V, used for the ISP logic. * **I/O Power (DOVDD):** 1.8V or 3.3V, used for the communication interface (I2C/MIPI). ### C. Communication Protocols ```c // Typical Software Interface via I2C #define SENSOR_I2C_ADDR 0x3C // Example address // ISP Register Configuration write_reg(0x0100, 0x01); // Wake up sensor write_reg(0x3005, 0x02); // Set Frame Rate ``` --- ## 3. Technical Specifications Table | Feature | Description | |:---|:---| | **Form Factor** | Compact "Cube" or "Board" style module. | | **Data Format** | YUV422, RGB565, or RAW10/12. | | **Clock Frequency** | Requires an external MCLK (Master Clock) usually between 6MHz and 27MHz. | | **Operating Temp** | Industrial grade (often -30°C to +85°C). | --- ## 4. Pinout Considerations While the exact pinout is proprietary to the manufacturer (often OMNIVISION or specialized module integrators), it generally follows this structure: 1. **MIPI Lanes:** Differential pairs for high-speed video. 2. **I2C (SCL/SDA):** For register configuration and ISP tuning. 3. **Reset & Power Down:** Hard pins for module state management. 4. **Grounding:** Multiple GND pins are required to reduce electromagnetic interference (EMI).
    ✨ Follow-up Questions
    • ⤷ What are the specific MIPI lane configurations for this module?
    • ⤷ Does this sensor support hardware-level motion detection?
    • ⤷ What is the maximum frames per second (FPS) at 1080p resolution?