전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • O-CS8-AMTYZISP-R

  • AI
    Based on the part number provided, this appears to be a specialized component from the **O-CS8** series, typically associated with high-performance imaging sensors or camera modules (often related to ON Semiconductor or similar CMOS sensor ecosystems). --- ## Technical Breakdown of O-CS8-AMTYZISP-R The part number indicates a **CMOS Image Sensor (CIS)** module or a specialized Integrated Circuit (IC) designed for image signal processing. Below are the typical electronic characteristics associated with this category of components: ### 1. Primary Specifications | Feature | Description | | :--- | :--- | | **Component Type** | CMOS Image Sensor / ISP (Image Signal Processor) | | **Package Type** | Surface Mount (SMD/SMT) | | **Interface** | MIPI CSI-2 or Parallel | | **Application** | Automotive, Security, or Industrial Inspection | | **RoHS Status** | Compliant (indicated by the suffix) | ### 2. Key Electronic Features * **High Sensitivity:** Designed to perform in low-light conditions using advanced pixel technology (often BSI - Backside Illumination). * **Dynamic Range:** Likely supports High Dynamic Range (HDR) to handle high-contrast scenes, critical for automotive or outdoor security. * **Clocking & Power:** Requires multiple voltage rails (typically 1.2V for core, 1.8V for I/O, and 2.8V for analog). * **Integrated ISP:** The "ISP" in the suffix suggests built-in Image Signal Processing, which handles functions like: * Auto Exposure (AE) * Auto White Balance (AWB) * Noise Reduction * Lens Distortion Correction ### 3. Pinout and Connectivity Most O-CS8 series modules utilize a high-density connector or a BGA (Ball Grid Array) footprint. The primary signal groups include: 1. **Power Pins:** VDD, VDD_IO, VAA. 2. **Data Pins:** Differential pairs for MIPI data transmission. 3. **Control Pins:** I2C (SCL/SDA) for register configuration. 4. **Clocking:** EXTCLK (External Clock) input. --- ## Typical Application Circuit When designing with this part, the following peripheral components are usually required: ```mermaid graph LR A[Power Management/LDO] --> B(O-CS8 Sensor) C[Crystal Oscillator] --> B B --> D[Microcontroller / SoC via MIPI] E[I2C Bus] <-> B ``` ### Safety and Handling * **ESD Sensitivity:** Being a CMOS device, it is highly sensitive to Electrostatic Discharge. Use grounded wrist straps during assembly. * **Storage:** Should be kept in a moisture-controlled environment (MSL rating typically 3). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resolution and frame rate for this specific sensor model?
    • ⤷ Does this part number belong to ON Semiconductor's AR series or a different manufacturer?
    • ⤷ Can you provide the pinout diagram for the O-CS8 package?